Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1184ARMZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1184ARMZ1
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184ARMZ1 Datasheet(HTML) 3 Page - Analog Devices

  ADM1184ARMZ1 Datasheet HTML 1Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 2Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 3Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 4Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 5Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 6Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 7Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 8Page - Analog Devices ADM1184ARMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM1184
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 2.7 V to 5.5 V, TA = −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
VCC Pin
Operating Voltage Range, VCC
2.7
3.3
5.5
V
Supply Current, IVCC
24
80
μA
VIN1 to VIN4 (VINx) Pins
Input Current, IVINLEAK
−20
+20
nA
VVINx = 0.7 V
Input Threshold, VTH
0.5952
0.6000
0.6048
V
OUT1 to OUT3 (OUTx), PWRGD Pins
Output Low Voltage, VOUTL
0.4
V
VCC = 2.7 V, ISINK = 2 mA
0.4
V
VCC = 1 V, ISINK = 100 μA
Leakage Current, IALERT
−1
+1
μA
VCC that Guarantees Valid Outputs
1
V
All outputs are guaranteed to be either low or to give
a valid output level from VCC = 1 V
TIMING DELAYS
Refer to the timing diagrams in Figure 18 and Figure 19
VIN1 to OUT1, VIN2 to OUT2, VIN3 to OUT3
Low-to-High Propagation Delay
30
μs
VCC = 3.3 V
High-to-Low Propagation Delay, All Inputs
30
μs
VCC = 3.3 V
All Inputs High to PWRGD Rising Delay
100
190
280
ms
VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com