Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4489AUA/VT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4489AUA/VT
Description  SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4489AUA/VT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4489AUA/VT Datasheet HTML 9Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 10Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 11Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 12Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 13Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 14Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 15Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 16Page - Maxim Integrated Products MAX4489AUA/VT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MAX4475–MAX4478/MAX4488/MAX4489
SOT23, Low-Noise, Low-Distortion,
Wide-Band, Rail-to-Rail Op Amps
13
Maxim Integrated
Ordering Information (continued)
Chip Information
PROCESS: BiCMOS
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4476AUT+T
-40°C to +125°C 6 SOT23
AAZX
MAX4476ATT+T
-40°C to +125°C 6 TDFN-EP*
+ADF
MAX4477AUA+
-40°C to +125°C 8 µMAX
—
MAX4477AUA+
-40°C to +125°C 8 µMAX
—
MAX4477ASA+
-40°C to +125°C 8 SO
—
MAX4478AUD+
-40°C to +125°C 14 TSSOP
—
MAX4478AUD/V+
-40°C to +125°C 14 TSSOP
—
MAX4478ASD+
-40°C to +125°C 14 SO
—
MAX4488AUT+T
-40°C to +125°C 6 SOT23
AAZW
MAX4488AUA+
-40°C to +125°C 8 µMAX
—
MAX4488ASA+
-40°C to +125°C 8 SO
—
MAX4488ATT+T
-40°C to +125°C 6 TDFN-EP*
+ADE
MAX4489AUA+
-40°C to +125°C 8 µMAX
—
MAX4489AUA/V+T
-40°C to +125°C 8 µMAX
—
MAX4489ASA+
-40°C to +125°C 8 SO
—
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad (connect to VSS).
/V denotes an automotive qualified part.
T = Tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com