Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3244ECUI Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX3244ECUI
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3244ECUI Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX3244ECUI Datasheet HTML 13Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 14Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 15Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 16Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 17Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 18Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 19Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 20Page - Maxim Integrated Products MAX3244ECUI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
READY
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
VCC
GND
T1OUT
FORCEON
T1IN
INVALID
R1OUT
MAX3226E
MAX3227E
SSOP/TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C1+
V+
VCC
GND
C1-
FORCEON
FORCEOFF
INVALID
R2OUTB
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T2OUT
T3OUT
T3IN
T2IN
T1IN
SO/SSOP/TSSOP
MAX3244E
MAX3245E
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
FORCEOFF
VCC
GND
T1OUT
C1-
V+
C1+
READY
R1IN
R1OUT
FORCEON
T1IN
T2OUT
V-
C2-
C2+
12
11
9
10
T2IN
INVALID
R2OUT
R2IN
DIP/SSOP/TSSOP
MAX3224E
MAX3225E
GND
C1-
FORCEOFF
INVALID
R1OUT
R2OUT
N.C.
R2OUTB
FORCEON
R3IN
R4IN
R5IN
T1OUT
T2OUT
T3OUT
R1IN
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
27
26
25
24
23
22
21
20
19
TQFN
MAX3245E
TOP VIEW
*EP
N.C.
R2IN
36 35 34 33 32 31 30 29 28
15
16
14
13
6
5
7
8
12
READY
4
12
11
9
V+
C1+
T1IN
INVALID
R1OUT
R1IN
MAX3226E
MAX3227E
3
10
*EP
*CONNECT EP TO GND.
TQFN
TOP VIEW
MAX3224E
MAX3225E
TQFN
TOP VIEW
19
20
18
17
7
6
8
9
12
FORCEOFF
45
15
14
12
11
READY
V+
INVALID
R2OUT
R2IN
T2OUT
3
13
VCC
16
10
T2IN
GND
*EP
FORCEOFF
+
+
+
+
+
+
___________________________________________________________ Pin Configurations
Maxim Integrated
19
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com