Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07EPZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP07EPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07EPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP07EPZ Datasheet HTML 2Page - Analog Devices OP07EPZ Datasheet HTML 3Page - Analog Devices OP07EPZ Datasheet HTML 4Page - Analog Devices OP07EPZ Datasheet HTML 5Page - Analog Devices OP07EPZ Datasheet HTML 6Page - Analog Devices OP07EPZ Datasheet HTML 7Page - Analog Devices OP07EPZ Datasheet HTML 8Page - Analog Devices OP07EPZ Datasheet HTML 9Page - Analog Devices OP07EPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage (VS)
±
22 V
Input Voltage1
±
22 V
Differential Input Voltage
±
30 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
S and P Packages
−65°C to +125°C
Operating Temperature Range
OP07E
0°C to 70°C
OP07C
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature, Soldering (60 sec)
300°C
1
For supply voltages less than ±22 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead PDIP (P-Suffix)
103
43
°C/W
8-Lead SOIC_N (S-Suffix)
158
43
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com