Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP259YN Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP259YN
Description  Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259YN Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP259YN Datasheet HTML 1Page - Power Integrations, Inc. TOP259YN Datasheet HTML 2Page - Power Integrations, Inc. TOP259YN Datasheet HTML 3Page - Power Integrations, Inc. TOP259YN Datasheet HTML 4Page - Power Integrations, Inc. TOP259YN Datasheet HTML 5Page - Power Integrations, Inc. TOP259YN Datasheet HTML 6Page - Power Integrations, Inc. TOP259YN Datasheet HTML 7Page - Power Integrations, Inc. TOP259YN Datasheet HTML 8Page - Power Integrations, Inc. TOP259YN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TOP252-262
TOPSwitch-HX Family
www.powerint.com
January 2009
Enhanced EcoSmart
®, Integrated Off-Line Switcher with
Advanced Feature Set and Extended Power Range
®
Product Highlights
Lower System Cost, Higher Design Flexibility
Multi-mode operation maximizes efficiency at all loads
New eSIP-7F and eSIP-7C packages
Low thermal impedance junction-to-case (2 °C per watt)
Low height is ideal for adapters where space is limited
Simple mounting using a clip to aid low cost manufacturing
Horizontal eSIP-7F package ideal for ultra low height adapter
and monitor applications
Extended package creepage distance from DRAIN pin to
adjacent pin and to heat sink
No heatsink required up to 35 W using P, G and M packages
with universal input voltage and up to 48 W at 230 VAC
Output overvoltage protection (OVP) is user programmable for
latching/non-latching shutdown with fast AC reset
Allows both primary and secondary sensing
Line undervoltage (UV) detection prevents turn-off glitches
Line overvoltage (OV) shutdown extends line surge limit
Accurate programmable current limit
Optimized line feed-forward for line ripple rejection
132 kHz frequency (254Y-258Y and all E/L packages) reduces
transformer and power supply size
Half frequency option for video applications
Frequency jittering reduces EMI filter cost
Figure 1.
Typical Flyback Application.
Heatsink is connected to SOURCE for low EMI
Improved auto-restart delivers <3% of maximum power in
short circuit and open loop fault conditions
Accurate hysteretic thermal shutdown function automatically
recovers without requiring a reset
Fully integrated soft-start for minimum start-up stress
Extended creepage between DRAIN and all other pins
improves field reliability
PI-4510-100206
AC
IN
DC
OUT
D
S
C
TOPSwitch-HX
CONTROL
V
+
-
F
X
Output Power Table
Product5
230 VAC ±15%4
85-265 VAC
Adapter1
Open
Frame2
Peak3
Adapter1
Open
Frame2
Peak3
TOP252PN/GN
9 W
15 W
21 W
6 W
10 W
13 W
TOP252MN
21 W
13 W
TOP253PN/GN
15 W
25 W
38 W
9 W
15 W
25 W
TOP253MN
43 W
29 W
TOP254PN/GN
16 W
28 W
47 W
11 W
20 W
30 W
TOP254MN
62 W
40 W
TOP255PN/GN
19 W
30 W
54 W
13 W
22 W
35 W
TOP255MN
81 W
52 W
TOP256PN/GN
21 W
34 W
63 W
15 W
26 W
40 W
TOP256MN
98 W
64 W
TOP257PN/GN
25 W
41 W
70 W
19 W
30 W
45 W
TOP257MN
119 W
78 W
TOP258PN/GN
29 W
48 W
77 W
22 W
35 W
50 W
TOP258MN
140 W
92 W
Table 1.
Output Power Table. (for notes see page 2).
Product5
230 VAC ±15%
85-265 VAC
Adapter1
Open
Frame2
Adapter1
Open
Frame2
TOP252EN
10 W
21 W
6 W
13 W
TOP253EN
21 W
43 W
13 W
29 W
TOP254EN/YN
30 W
62 W
20 W
43 W
TOP255EN/YN
40 W
81 W
26 W
57 W
TOP255LN
40 W
81 W
26 W
57 W
TOP256EN/YN7
60 W
119 W
40 W
86 W
TOP256LN
60 W
88 W
40 W
64 W
TOP257EN/YN
85 W
157 W
55 W
119 W
TOP257LN
85 W
105 W
55 W
78 W
TOP258EN/YN
105 W
195 W
70 W
148 W
TOP258LN
105 W
122 W
70 W
92 W
TOP259EN/YN
128 W
238 W
80 W
171 W
TOP259LN
128 W
162 W
80 W
120 W
TOP260EN/YN
147 W
275 W
93 W
200 W
TOP260LN
147 W
190 W
93 W
140 W
TOP261EN/YN
177 W
333 W
118 W
254 W
TOP261LN
177 W
244 W
118 W
177 W
TOP262EN6
177 W
333 W
118 W
254 W
TOP262LN6
177 W
244 W
118 W
177 W


Similar Part No. - TOP259YN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP259YN POWERINT-TOP259YN Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
TOP259YN-TL POWERINT-TOP259YN-TL Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
More results

Similar Description - TOP259YN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TOP252-262 POWERINT-TOP252-262 Datasheet
1Mb / 48P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP257YN POWERINT-TOP257YN Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP261YN POWERINT-TOP261YN Datasheet
1Mb / 49P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP258MG POWERINT-TOP258MG Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP260YN POWERINT-TOP260YN Datasheet
3Mb / 51P
Enhanced EcoSmart?? Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP257EG POWERINT-TOP257EG Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP254 POWERINT-TOP254 Datasheet
1Mb / 42P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP252 POWERINT-TOP252 Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com