Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16832AASA/V Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16832AASA/V
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16832AASA/V Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16832AASA/V Datasheet HTML 1Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 2Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 3Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 4Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 5Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 6Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 7Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 8Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
5
LXRDSON
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.2
0.3
0.4
0.5
0.6
0.7
0.1
-40
125
VIN = 6.5V
VIN = 65V
VIN = 48V
ITEMP_I
vs. TEMPERATURE
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
25.0
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 48V
Typical Operating Characteristics (continued)
(VIN = VDIM = 48V, RSENSE = 0.3Ω, L = 220µH (connected between IN and CS). Typical values are at TA = +25°C, unless otherwise
noted.)
Pin Description
PIN
NAME
FUNCTION
1
CS
Current-Sense Input. Connect a resistor between IN and CS to program the LED current.
2
IN
Positive Supply Voltage Input. Bypass with a 1µF or higher value capacitor to GND.
3
GND
Ground
4
PGND
Power Ground
5, 6
LX
Switching Node
7
DIM
Logic-Level Dimming Input. Drive DIM low to turn off the current regulator. Drive DIM high to
enable the current regulator.
8
TEMP_I
Thermal Foldback Control and Linear Dimming Input. Bypass with a 0.01µF capacitor to GND if
thermal foldback or analog dimming is used. See the Thermal Foldback section.
—EP
Exposed Pad. Connect EP to a large-area ground plane for effective power dissipation. Do not use
as the IC ground connection.
Detailed Description
The MAX16832A/MAX16832C are step-down, constant-
current, HB LED drivers. These devices operate from a
+6.5V to +65V input voltage range. The maximum output
is 1A, if the part is used at temperatures up to TA =
+105°C, or 700mA, if it is used up to TA = +125°C. A
high-side current-sense resistor sets the output current
and a dedicated PWM dimming input enables pulsed
LED dimming over a wide range of brightness levels.
A high-side current-sensing scheme and an on-board
current-setting circuitry minimize the number of exter-
nal components while delivering LED current with ±3%
accuracy, using a 1% sense resistor. See Figure 1 for a
functional diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com