Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P42CD121CF5ST Datasheet(PDF) 3 Page - Dielectric Laboratories, Inc.

Part # P42CD121CF5ST
Description  Milli-Cap
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P42CD121CF5ST Datasheet(HTML) 3 Page - Dielectric Laboratories, Inc.

  P42CD121CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P42CD121CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P42CD121CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P42CD121CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Milli-Cap
®
 
July 8, 2010
 
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
3 of 4 
 
Termination Finish and Recommended Attachment Methods
Termination Finish
Code
Description
S
7.5
± 5µ” Au over 50µ” minimum Ni
Recommended Attachment Materials:
•
Conductive Epoxy (EPO TEK
® H20E, Ablebond® 84-1 LMI, etc.)
•
Solder (SN62, SN63, etc.)
•
Recommended Attachment to Soft or Hard Substrate Using Conductive Epoxy:
Recommended Micro Strip Layout:
Attachment Method
1.
Place a single drop of conductive epoxy onto each micro-strip as illustrated; the edge of the epoxy shall
be at least .003”- .004” back from the edge of the trace to prevent filling the gap with epoxy.
2.
Centering the termination gap of the capacitor within the gap in the micro strip, press with careful, even
pressure onto the micro strip ensuring the terminations make good contact with the epoxy drops.
3.
Cure according to the epoxy manufacturer’s preferred schedule
•
Typically 125°C to 150°C Max.
4.
After curing, inspect joint for epoxy shorts across the termination and micro strip gaps that would cause a
short across the cap.
Isopropanol, and Methanol are both safe to use to pre clean Milli-Caps
®
They are not to be used after mounting with conductive epoxy as they act as a solvent!
Distance from Trace Edge:
.003” - .004”
Ideal Micro Strip Width:
.020” - .025”
(.012” - .015” for P21)
Gap:
.015” - .020”
(.008” - .010” for P21)
Epoxy Diameter:
.010 - .015”
(.005” - .008” for P21)
Epoxy Thickness:
.003” - .005”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com