Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7528LR Datasheet(PDF) 7 Page - Analog Devices

Part # AD7528LR
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7528LR Datasheet(HTML) 7 Page - Analog Devices

  AD7528LR Datasheet HTML 1Page - Analog Devices AD7528LR Datasheet HTML 2Page - Analog Devices AD7528LR Datasheet HTML 3Page - Analog Devices AD7528LR Datasheet HTML 4Page - Analog Devices AD7528LR Datasheet HTML 5Page - Analog Devices AD7528LR Datasheet HTML 6Page - Analog Devices AD7528LR Datasheet HTML 7Page - Analog Devices AD7528LR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7528
REV. B
–7–
CIRCUIT EQUATIONS
CC
R
R
R
R
12
12
4
5
==
=
,,
f
RC
Q
R
R
R
R
A
R
R
C
F
FBB
O
F
S
=
=×
=
1
21 1
3
4
1
π
–
NOTE
DAC Equivalent Resistance
Equals
256
×()
DAC Ladder
sis
ce
DAC Digital Code
Re tan
MICROPROCESSOR INTERFACE
ADDRESS BUS
A**
A + 1**
ADDRESS
DECODE
LOGIC
DAC A/DAC B
CS
DAC A
DB0
DB7
WR
VMA
2
AD7528*
DAC B
DATA BUS
D0–D7
A0–A15
CPU
6800
*ANALOG CIRCUITRY HAS BEEN OMITTED FOR CLARITY
**A = DECODED 7528 ADDR DAC A
A + 1 = DECODED 7528 ADDR DAC B
Figure 11. AD7528 Dual DAC to 6800 CPU Interface
ADDRESS BUS
A**
A + 1**
DAC A/DAC B
CS
DAC A
DB0
DB7
WR
AD7528*
DAC B
ADDR/DATA BUS
AD0–AD7
A8–A15
CPU
8085
*ANALOG CIRCUITRY HAS BEEN OMITTED FOR CLARITY
**A = DECODED 7528 ADDR DAC A
A + 1 = DECODED 7528 ADDR DAC B
NOTE:
8085 INSTRUCTION SHLD (STORE H & L DIRECT) CAN UPDATE
BOTH DACs WITH DATA FROM H AND L REGISTERS
ADDRESS
DECODE
LOGIC
LATCH
8212
WR
ALE
Figure 12. AD7528 Dual DAC to 8085 CPU Interface
PROGRAMMABLE WINDOW COMPARATOR
VREF A
RFB A
VCC
DATA
INPUTS
DAC A/DAC B
CS
WR
PASS/
FAIL
OUTPUT
1k
AD7528
DB0
DB7
DAC A
DAC B
OUT A
VDD
VREF B
+VREF
RFB B
3
2
7
AD311
COMPARATOR
OUT B
3
2
7
AD311
COMPARATOR
TEST INPUT
0 TO –VREF
Figure 13. Digitally Programmable Window Comparator
(Upper and Lower Limit Detector)
PROGRAMMABLE STATE VARIABLE FILTER
In this state variable or universal filter configuration (Figure 14)
DACs A1 and B1 control the gain and Q of the filter character-
istic while DACs A2 and B2 control the cutoff frequency, fC.
DACs A2 and B2 must track accurately for the simple expres-
sion for fC to hold. This is readily accomplished by the AD7528.
Op amps are 2
× AD644. C3 compensates for the effects of op
amp gain bandwidth limitations.
DAC A/DAC B
CS WR
VIN
VDD
DB0–DB7
DATA 1
DAC B1
RF
AD7528
DAC A/DAC B
CS WR
A3
VDD
DB0–DB7
DATA 2
AD7528
A2
A1
R3
10k
DAC A1
RS
DAC A2
R1
HIGH
PASS
OUTPUT
R4
30k
R5
30k
C3
47pF
C1
1000pF
DAC B2
R2
A4
C2
1000pF
LOW
PASS
OUTPUT
BAND
PASS
OUTPUT
Figure 14. Digitally Controlled State Variable Filter
The filter provides low pass, high pass and band pass outputs
and is ideally suited for applications where microprocessor
control of filter parameters is required, e.g., equalizer, tone
controls, etc.
Programmable range for component values shown is fC = 0 kHz
to 15 kHz and Q = 0.3 to 4.5.
In the circuit of Figure 13 the AD7528 is used to implement a
programmable window comparator. DACs A and B are loaded
with the required upper and lower voltage limits for the test,
respectively. If the test input is not within the programmed
limits, the pass/fail output will indicate a fail (logic zero).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com