Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GP Datasheet(PDF) 3 Page - Analog Devices

Part # OP400GP
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GP Datasheet(HTML) 3 Page - Analog Devices

  OP400GP Datasheet HTML 1Page - Analog Devices OP400GP Datasheet HTML 2Page - Analog Devices OP400GP Datasheet HTML 3Page - Analog Devices OP400GP Datasheet HTML 4Page - Analog Devices OP400GP Datasheet HTML 5Page - Analog Devices OP400GP Datasheet HTML 6Page - Analog Devices OP400GP Datasheet HTML 7Page - Analog Devices OP400GP Datasheet HTML 8Page - Analog Devices OP400GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = ±15 V, TA = +25°C, unless otherwise noted.
Table 1.
OP400A/E
OP400F
OP400G/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
40
150
60
230
80
300
µV
Long-Term Input
Voltage Stability
0.1
0.1
0.1
µV/mo
Input Offset Current
IOS
VCM = 0 V
0.1
1.0
0.1
2.0
0.1
3.5
nA
Input Bias Current
IB
VCM = 0 V
0.75
3.0
0.75
6.0
0.75
7.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
0.5
µV p-p
Input Resistance
Differential Mode
RIN
10
10
10
MΩ
Input Resistance
Common Mode
RINCM
200
200
200
GΩ
Large Signal Voltage
Gain
AVO
VO = ±10 V
RL = 10 kΩ
5000 12,000
3000
7000
3000
7000
V/mV
RL = 2 kΩ
2000
3500
1500
3000
1500
3000
V/mV
Input Voltage Range1
IVR
±12
±13
±12
±13
±12
±13
V
Common-Mode
Rejection
CMR
VCM = 12 V
120
140
115
140
110
135
dB
Input Capacitance
CIN
3.2
3.2
3.2
pF
OUTPUT
CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.6
±12
±12.6
±12
±12.6
V
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VS = 3 V to 18 V
0.1
1.8
0.1
3.2
0.2
5.6
µV/V
Supply Current per
Amplifier
ISY
No load
600
725
600
725
600
725
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
0.1
0.15
0.1
0.15
0.1
0.15
V/µs
Gain Bandwidth
Product
GBWP
AV = 1
500
500
500
kHz
Channel Separation
CS
VO = 20 V p-p,
123
135
123
135
123
135
dB
fO = 10 Hz2
Capacitive Load
Stability
AV = 1,
no oscillations
10
10
10
nF
NOISE PERFORMANCE
Input Noise Voltage
en
fO = 10 Hz3
22
36
22
36
22
nV/√Hz
Density3
fO = 1000 Hz3
11
18
11
18
11
nV/√Hz
Input Noise Current
in p-p
0.1 Hz to 10 Hz
15
15
15
pA p-p
Input Noise Current
Density
in
fO = 10 Hz
0.6
0.6
0.6
pA/√Hz
1
Guaranteed by CMR test.
2
Guaranteed but not 100% tested.
3
Sample tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com