Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GPZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP400GPZ
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GPZ Datasheet(HTML) 5 Page - Analog Devices

  OP400GPZ Datasheet HTML 1Page - Analog Devices OP400GPZ Datasheet HTML 2Page - Analog Devices OP400GPZ Datasheet HTML 3Page - Analog Devices OP400GPZ Datasheet HTML 4Page - Analog Devices OP400GPZ Datasheet HTML 5Page - Analog Devices OP400GPZ Datasheet HTML 6Page - Analog Devices OP400GPZ Datasheet HTML 7Page - Analog Devices OP400GPZ Datasheet HTML 8Page - Analog Devices OP400GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±20 V
Differential Input Voltage
±30 V
Input Voltage
Supply voltage
Output Short-Circuit Duration
Continuous
Storage Temperature Range
P, Y, S Packages
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Junction Temperature (TJ) Range
−65°C to +150°C
Operating Temperature Range
OP400A
−55°C to +125°C
OP400E, OP400F
−25°C to +85°C
OP400G
0°C to 70°C
OP400H
−40°C to +85°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply to both dice and packaged
parts, unless otherwise noted.
THERMAL RESISTANCE
θJA is specified for worst-case mounting conditions, that is, θJA is
specified for device in socket for CERDIP and PDIP packages;
θJA is specified for device soldered to printed circuit board for
SOIC package.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Pin Ceramic DIP (Y)
94
10
°C/W
14-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOIC (S)
88
23
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com