Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD594ADZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD594ADZ
Description  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD594ADZ Datasheet(HTML) 3 Page - Analog Devices

  AD594ADZ Datasheet HTML 1Page - Analog Devices AD594ADZ Datasheet HTML 2Page - Analog Devices AD594ADZ Datasheet HTML 3Page - Analog Devices AD594ADZ Datasheet HTML 4Page - Analog Devices AD594ADZ Datasheet HTML 5Page - Analog Devices AD594ADZ Datasheet HTML 6Page - Analog Devices AD594ADZ Datasheet HTML 7Page - Analog Devices AD594ADZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD594/AD595
REV. C
–3–
Thermocouple
Type J
AD594
Type K
AD595
Temperature
Voltage
Output
Voltage
Output
°C
mV
mVmVmV
–200
–7.890
–1523
–5.891
–1454
–180
–7.402
–1428
–5.550
–1370
–160
–6.821
–1316
–5.141
–1269
–140
–6.159
–1188
–4.669
–1152
–120
–5.426
–1046
–4.138
–1021
–100
–4.632
–893
–3.553
–876
–80
–3.785
–729
–2.920
–719
–60
–2.892
–556
–2.243
–552
–40
–1.960
–376
–1.527
–375
–20
–.995
–189
–.777
–189
–10
–.501
–94
–.392
–94
0
0
3.1
0
2.7
10
.507
101
.397
101
20
1.019
200
.798
200
25
1.277
250
1.000
250
30
1.536
300
1.203
300
40
2.058
401
1.611
401
50
2.585
503
2.022
503
60
3.115
606
2.436
605
80
4.186
813
3.266
810
100
5.268
1022
4.095
1015
120
6.359
1233
4.919
1219
140
7.457
1445
5.733
1420
160
8.560
1659
6.539
1620
180
9.667
1873
7.338
1817
200
10.777
2087
8.137
2015
220
11.887
2302
8.938
2213
240
12.998
2517
9.745
2413
260
14.108
2732
10.560
2614
280
15.217
2946
11.381
2817
300
16.325
3160
12.207
3022
320
17.432
3374
13.039
3227
340
18.537
3588
13.874
3434
360
19.640
3801
14.712
3641
380
20.743
4015
15.552
3849
400
21.846
4228
16.395
4057
420
22.949
4441
17.241
4266
440
24.054
4655
18.088
4476
460
25.161
4869
18.938
4686
480
26.272
5084
19.788
4896
Thermocouple
Type J
AD594
Type K
AD595
Temperature
Voltage
Output
Voltage
Output
°CmV
mV
mV
mV
500
27.388
5300
20.640
5107
520
28.511
5517
21.493
5318
540
29.642
5736
22.346
5529
560
30.782
5956
23.198
5740
580
31.933
6179
24.050
5950
600
33.096
6404
24.902
6161
620
34.273
6632
25.751
6371
640
35.464
6862
26.599
6581
660
36.671
7095
27.445
6790
680
37.893
7332
28.288
6998
700
39.130
7571
29.128
7206
720
40.382
7813
29.965
7413
740
41.647
8058
30.799
7619
750
42.283
8181
31.214
7722
760
–
–
31.629
7825
780
–
–
32.455
8029
800
–
–
33.277
8232
820
–
–
34.095
8434
840
–
–
34.909
8636
860
–
–
35.718
8836
880
–
–
36.524
9035
900
–
–
37.325
9233
920
–
–
38.122
9430
940
–
–
38.915
9626
960
–
–
39.703
9821
980
–
–
40.488
10015
1000
–
–
41.269
10209
1020
–
–
42.045
10400
1040
–
–
42.817
10591
1060
–
–
43.585
10781
1080
–
–
44.439
10970
1100
–
–
45.108
11158
1120
–
–
45.863
11345
1140
–
–
46.612
11530
1160
–
–
47.356
11714
1180
–
–
48.095
11897
1200
–
–
48.828
12078
1220
–
–
49.555
12258
1240
–
–
50.276
12436
1250
–
–
50.633
12524
Table I. Output Voltage vs. Thermocouple Temperature (Ambient +25
°C, V
S = –5 V, +15 V)
thermocouples Table I should not be used in conjunction with
European standard thermocouples. Instead the transfer function
given previously and a DIN thermocouple table should be used.
ANSI type K and DIN NICR-NI thermocouples are composed
OVERLOAD
DETECT
G
–TC
+TC
123
45
67
13
12
11
10
AD594/
AD595
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
+5V
COMMON
14
ICE
POINT
COMP.
+A
98
G
10mV/ C
Figure 1. Basic Connection, Single Supply Operation
of identical alloys and exhibit similar behavior. The upper tem-
perature limits in Table I are those recommended for type J and
type K thermocouples by the majority of vendors.
SINGLE AND DUAL SUPPLY CONNECTIONS
The AD594/AD595 is a completely self-contained thermocouple
conditioner. Using a single +5 V supply the interconnections
shown in Figure 1 will provide a direct output from a type J
thermocouple (AD594) or type K thermocouple (AD595) mea-
suring from 0
°C to +300°C.
Any convenient supply voltage from +5 V to +30 V may be
used, with self-heating errors being minimized at lower supply
levels. In the single supply configuration the +5 V supply con-
nects to Pin 11 with the V– connection at Pin 7 strapped to
power and signal common at Pin 4. The thermocouple wire in-
puts connect to Pins 1 and 14 either directly from the measuring
point or through intervening connections of similar thermo-
couple wire type. When the alarm output at Pin 13 is not used it
should be connected to common or –V. The precalibrated feed-
back network at Pin 8 is tied to the output at Pin 9 to provide a
10 mV/
°C nominal temperature transfer characteristic.
By using a wider ranging dual supply, as shown in Figure 2, the
AD594/AD595 can be interfaced to thermocouples measuring
both negative and extended positive temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com