Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR50N60C2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR50N60C2
Description  HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR50N60C2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR50N60C2 Datasheet HTML 1Page - IXYS Corporation IXGR50N60C2 Datasheet HTML 2Page - IXYS Corporation IXGR50N60C2 Datasheet HTML 3Page - IXYS Corporation IXGR50N60C2 Datasheet HTML 4Page - IXYS Corporation IXGR50N60C2 Datasheet HTML 5Page - IXYS Corporation IXGR50N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1
6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
IXGR 50N60C2
IXGR 50N60C2D1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 40 A; V
CE = 10 V,
40
51
S
Note 1
C
ies
3700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
290
pF
C
res
50
pF
Q
g
138
nC
Q
ge
I
C = 40 A, VGE = 15 V, VCE = 0.5 VCES
25
nC
Q
gc
40
nC
t
d(on)
18
n s
t
ri
25
n s
t
d(off)
115
150
n s
t
fi
48
n s
E
off
0.38
0.7
mJ
t
d(on)
18
n s
t
ri
25
n s
E
on
1.4
mJ
t
d(off)
170
n s
t
fi
60
n s
E
off
0.74
mJ
R
thJC
0.62 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 40 A, VGE = 15 V
V
CE = 480 V, RG = Roff = 2.0 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 40 A, VGE = 15 V
V
CE = 480 V, RG = Roff = 2.0 Ω
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = 60 A, VGE = 0 V,
2.1
V
Note 1
T
J = 150°C
1.4
I
RM
I
F = 60 A, VGE = 0 V, -diF/dt = 100 A/µ TJ = 100°C
8.3
A
V
R = 100 V
t
rr
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V
35
n s
R
thJC
0.85 K/W
Note 1: Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
ISOPLUS 247 Outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com