Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5044 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5044
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5044 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5044 Datasheet HTML 8Page - Analog Devices AD5044 Datasheet HTML 9Page - Analog Devices AD5044 Datasheet HTML 10Page - Analog Devices AD5044 Datasheet HTML 11Page - Analog Devices AD5044 Datasheet HTML 12Page - Analog Devices AD5044 Datasheet HTML 13Page - Analog Devices AD5044 Datasheet HTML 14Page - Analog Devices AD5044 Datasheet HTML 15Page - Analog Devices AD5044 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5066
Rev. A | Page 12 of 24
CH1 5V
CH2 500mV
M2µs
A CH2
1.2V
2
1
T 55%
CH1 = SCLK
CH2 = VOUT
VDD = 5V
POWER-UP TO MIDSCALE
OUTPUT UNLOADED
Figure 28. Exiting PD to MS
–15
–10
–5
0
5
10
15
–2
0
2
4
6
8
10
TIME (µs)
VDD = 5V
VREF = 4.096V
TA = 25°C
CODE = 0x8000 TO 0x7FFF
OUTPUT UNLOADED WITH 5k
Ω AND 200pF
Figure 29. Glitch
–15
–10
–5
0
5
10
15
–2
0
2
4
6
8
10
TIME (µs)
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 30. Analog Crosstalk
–15
–10
–5
0
5
10
15
–2
0
2
4
6
8
10
TIME (µs)
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 31. Digital Crosstalk
–20
–15
–10
–5
0
5
10
20
15
–2
0
2
4
6
8
10
TIME (µs)
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 32. DAC-to-DAC Crosstalk
4
3
2
1
0
–1
–2
–3
–4
0
1
4
7
Time (Seconds)
2
5
8
3
6
9
10
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 33. 1/f Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com