Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5520JST Datasheet(PDF) 21 Page - Analog Devices

Part # AD5520JST
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5520JST Datasheet HTML 16Page - Analog Devices AD5520JST Datasheet HTML 17Page - Analog Devices AD5520JST Datasheet HTML 18Page - Analog Devices AD5520JST Datasheet HTML 19Page - Analog Devices AD5520JST Datasheet HTML 20Page - Analog Devices AD5520JST Datasheet HTML 21Page - Analog Devices AD5520JST Datasheet HTML 22Page - Analog Devices AD5520JST Datasheet HTML 23Page - Analog Devices AD5520JST Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5520
Rev. B | Page 21 of 24
TYPICAL APPLICATION CIRCUIT
Figure 27 shows the AD5520 as in an ATE system. This device
can used as a per pin parametric unit in order to speed up the
rate at which testing can be done. It can also be used as a DUT
power supply, as shown in the application circuit.
The central PMU shown in the block diagram (Figure 27) is
usually a highly accurate PMU and is shared among a number
of pins in the tester. In general, many discrete levels are required
in an ATE system for the pin drivers, comparators, clamps, and
active loads. DAC devices, such as the AD5379, offer a highly
integrated solution for a number of these levels. The AD5379 is
a dense 40-channel DAC designed with high channel
requirements, such as ATE.
The flexible function of the AD5520 also makes it suited for use
in instrumentation applications such as source measure units.
Source measure units are programmable instruments capable of
sourcing and measuring voltage or current simultaneously. The
AD5520 provides a more integrated solution in such
equipment.
CENTRAL PMU
ADC
DAC
TIMING DATA
MEMORY
TIMING
GENERATOR
DLL, LOGIC
FORMATTER
DE-SKEW
DAC
DAC
DAC
VTERM
DRIVER
DAC
DAC
DAC
IOL
VH
COMP
COMPARE
MEMORY
DAC
ACTIVE LOAD
DAC
DAC
VCOM
IOH
DAC
VTH
VTL
VCL
PPMU
ADC
DAC
DEVICE POWER
SUPPLIES
ADC
DAC
GND SENSE
GUARD
AMP
AMP
50
Ω COAX
RELAYS
DEVICE UNDER
TEST (DUT)
GUARD AMP
VL
VCH
FORMATTER
DE-SKEW
Figure 27. Typical Application ATE Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com