| Electronic Components Datasheet Search |
|
AD7865AS-2 Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7865AS-2 Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 19 page ![]() REV. B AD7865 –13– Accessing the Output Data Registers There are four Output Data Registers, one for each of the four possible conversion results from a conversion sequence. The result of the first conversion in a conversion sequence is placed in Register 1 and the second result is placed in Register 2 and so on. For example if the conversion sequence VIN1, VIN3 and VIN4 is selected (see Selecting a Conversion Sequence) the results of the conversion on VIN1, VIN3 and VIN4 are placed in Registers 1 to 3 respectively. The Output Data register pointer is reset to point to Register 1 at the end of the first conversion in the sequence, just prior to EOC going low. At this point the logic output FRSTDATA will go logic high to indicate that the out- put data register pointer is addressing Register 1. When CS and RD are both logic low the contents of the addressed register are enabled onto the data bus (DB0–DB13). DB0 TO DB13 O/P DRIVERS OE #1 NOT VALID (VIN3) (VIN1) (VIN4) OE #2 OE #3 OE #4 2-BIT COUNTER VDRIVE OE RD CS RESET OUTPUT DATA REGISTERS *THE POINTER WILL NOT BE INCREMENTED BY A RISING EDGE ON RD UNTIL THE CONVERSION RESULT IS IN THE OUTPUT DATA REGISTER. THE POINTER IS RESET WHEN THE LAST CONVERSION RESULT IS READ FRSTDATA POINTER* AD7865 DECODE Figure 8. Output Data Registers When reading the output data registers after a conversion sequence, i.e., when BUSY goes low, the register pointer is incremented on the rising edge of the RD signal as shown in Figure 8. However, when reading the conversion results between conversions in a conversion sequence the pointer will not be incremented until a valid conversion result is in the register to be addressed. In this case the pointer is incremented when the conversion has ended and the result has been transferred to the output data register. This happens when EOC goes low, there- fore EOC may be used to enable the register contents onto the data bus as described in Reading Between Conversions in the Conversion Sequence. The pointer is reset to point to Register 1 on the rising edge of the RD signal when the last conversion result in the sequence is being read. In the example shown in Figure 8, this means that the pointer is set to Register 1 when the contents of Register 3 are read. Reading after the Conversion Sequence Figure 9 shows the same conversion sequence as Figure 7. In this case, however, the results of the four conversions (on VIN1 to VIN4) are read after all conversions have finished, i.e., when BUSY goes logic low. The FRSTDATA signal goes logic high at the end of the first conversion just prior to EOC going logic low. As mentioned previously FRSTDATA has an indetermi- nate state after initial power up, therefore FRSTDATA may already be logic high. Unlike the case when reading during a conversion the output data register pointer is incremented on the rising edge of RD because the next conversion result is avail- able in this case. This means FRSTDATA will go logic low after the first rising edge on RD. Successive read operations will access the remaining conversion results in ascending channel order. Each read operation incre- ments the output data register pointer. The read operation that accesses the last conversion result causes the output data regis- ter pointer to be reset so that the next read operation will access the first conversion result again. This is shown in Figure 8 with the fifth read after BUSY goes low accessing the result of the conversion on VIN1. Thus the output data registers acts as a circular buffer in which the conversion results may be continu- ally accessed. The FRSTDATA signal will go high when the first conversion result is available. Data is enabled onto the data bus DB0 to DB13 using CS and RD. Both CS and RD have the same functionality as described in the previous section. There are no restrictions or performance implications associated with the position of the read operations after BUSY goes low, however there is a minimum time between read operations that must be adhered to. Notice also that a “Quiet Time” is needed before the start of the next conversion sequence. t10 t8 t4 t3 t6 t1 QUIET TIME DATA CONVST BUSY EOC FRSTDATA RD CS VIN2 VIN3 VIN1 tBUSY t2 t10 t7 VIN1 VIN4 Figure 9. Timing Diagram, Reading after the Conversion Sequences |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |