Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8043 Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8043
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043 Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8043 Datasheet HTML 3Page - Analog Devices DAC8043 Datasheet HTML 4Page - Analog Devices DAC8043 Datasheet HTML 5Page - Analog Devices DAC8043 Datasheet HTML 6Page - Analog Devices DAC8043 Datasheet HTML 7Page - Analog Devices DAC8043 Datasheet HTML 8Page - Analog Devices DAC8043 Datasheet HTML 9Page - Analog Devices DAC8043 Datasheet HTML 10Page - Analog Devices DAC8043 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DAC8043
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
–12
–24
–36
–48
–60
–72
–84
–96
–108
–120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VDD = 5V
VREF = 100mV
TA = 25°C
DIGITAL INPUT =
1111 1111 1111
DIGITAL INPUT =
0000 0000 0000
Figure 4. Gain vs. Frequency (Output Amplifier: OP42)
0
–20
–40
–60
–80
–100
–120
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
VIN = 6V rms
OUTPUT AMPLIFIER: OP42
TA = 25°C
Figure 5. Total Harmonic Distortion vs. Frequency (Multiplying Mode)
1.0
0.8
0.6
0.4
0.2
0
0
1
2
3
4
VIN (V)
Figure 6. Supply Current vs. Logic Input Voltage
0.5
0.3
0.1
–0.1
–0.3
–0.4
0.4
0.2
0
–0.2
–0.5
0
1024
512
2048
1536
3072
2560
4095
3584
DIGITAL INPUT CODE (Decimal)
Figure 7. Linearity Error vs. Digital Input Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com