| Electronic Components Datasheet Search |
|
DAC8043GPZ Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8043GPZ Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 16 page ![]() DAC8043 Rev. E | Page 11 of 16 To further ensure accuracy across the full temperature range, permanently on MOS switches were included in series with the feedback resistor and the terminating resistor of the R-2R ladder. The simplified DAC circuit, Figure 13, shows the location of the series switches. These series switches are equivalently scaled to two times Switch S1 (MSB) and to Switch S12 (LSB), respectively, to maintain constant relative voltage drops with varying temperature. During any testing of the resistor ladder or RFEEDBACK (such as incoming inspection), VDD must be present to turn on these series switches. 20k Ω 20k Ω 20k Ω GND IOUT RFEEDBACK S12 S3 20k Ω S2 20k Ω S1 VREF 10k Ω 10k Ω *THESE SWITCHES PERMANENTLY ON. 10k Ω 10k Ω BIT 1 (MSB) BIT 2 DIGITAL INPUTS (SWITCHES SHOWN FOR DIGITAL INPUTS (HIGH)) BIT 3 BIT 12 (LSB) * * Figure 13. Simplified DAC Circuit EQUIVALENT CIRCUIT ANALYSIS Figure 14 shows an equivalent analog circuit for the DAC8043. The (D × VREF)/R current source is code dependent and is the current generated by the DAC. The current source, ILKG, consists of surface and junction leakages and doubles approximately every 10°C. COUT is the output capacitance; it is the result of the N-channel MOS switches and varies from 80 pF to 110 pF, depending on the digital input code. RO is the equivalent out- put resistance that also varies with digital input code. R is the nominal R-2R resistor ladder resistance. R COUT RFB IOUT VREF GND ILKG D × VREF R R R Figure 14. Equivalent Analog Circuit DYNAMIC PERFORMANCE Output Impedance The output resistance of the DAC8043, as in the case of the output capacitance, varies with the digital input code. This resistance, looking back into the IOUT terminal, may be between 10 kΩ (the feedback resistor alone when all digital inputs are low) and 7.5 kΩ (the feedback resistor in parallel with approximately 30 kΩ of the R-2R ladder network resistance when any single bit logic is high). Static accuracy and dynamic performance will be affected by these variations. This variation is best illustrated by using the circuit of Figure 15 and the following equation: + = O FB OS ERROR R R V V 1 where: RO is a function of the digital code and = 10 kΩ for more than four bits of Logic 1. = 30 kΩ for any single bit of Logic 1. Therefore, the offset gain varies as follows: At Code 0011 1111 1111, OS OS 1 ERROR V V V 2 kΩ 10 kΩ 10 1 = + = At Code 0100 0000 0000, OS OS 2 ERROR V V V 3 / 4 kΩ 30 kΩ 10 1 = + = The error difference is 2/3 VOS. Because one LSB has a weight (for VREF = 10 V) of 2.4 mV for the DAC8043, it is clearly important that VOS be minimized, either by using the amplifier’s nulling pins or an external nulling network or by selecting an amplifier with inherently low VOS. Amplifiers with sufficiently low VOS include OP77, OP07, OP27, and OP42. RFB VREF 2R 2R 2R ETC R R R OP77 VOS Figure 15. Simplified Circuit The gain and phase stability of the output amplifier, board layout, and power supply decoupling all affect the dynamic performance. The use of a small compensation capacitor may be required when high speed operational amplifiers are used. It may be connected across the feedback resistor of the amplifier to provide the necessary phase compensation to critically damp the output. The output capacitance of the DAC8043 and the RFB resistor form a pole that must be outside the amplifier’s unity gain crossover frequency. The considerations when using high speed amplifiers are: 1. Phase compensation (see Figure 16 and Figure 17). 2. Power supply decoupling at the device socket and the use of proper grounding techniques. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |