Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3512 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3512
Description  Power-Distribution Switches with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3512 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3512 Datasheet HTML 9Page - Anpec Electronics Coropration APL3512 Datasheet HTML 10Page - Anpec Electronics Coropration APL3512 Datasheet HTML 11Page - Anpec Electronics Coropration APL3512 Datasheet HTML 12Page - Anpec Electronics Coropration APL3512 Datasheet HTML 13Page - Anpec Electronics Coropration APL3512 Datasheet HTML 14Page - Anpec Electronics Coropration APL3512 Datasheet HTML 15Page - Anpec Electronics Coropration APL3512 Datasheet HTML 16Page - Anpec Electronics Coropration APL3512 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APL3512
www.anpec.com.tw
13
Application Information
Input Capacitor
A 1
µF ceramic bypass capacitor from V
IN to GND, located
near the APL3512, is strongly recommended to suppress
the ringing during short-circuit fault event. Without the by-
pass capacitor, the output short may cause sufficient ring-
ing on the input (from supply lead inductance) to damage
internal control circuitry.
Output Capacitor
A low-ESR 10
µF MLCC, aluminum electrolytic or tanta-
lum between VOUT and GND is strongly recommended
to reduce the voltage droop during hot-attachment of
downstream peripheral. Higher-value output capacitor is
better when the output load is heavy. Additionally, bypass-
ing the output with a 0.1
µF ceramic capacitor improves
the immunity of the device to short-circuit transients.
Layout Consideration
The PCB layout should be carefully performed to maxi-
mize thermal dissipation and to minimize voltage drop,
droop and EMI. The following guidelines must be
considered:
1. Please place the input capacitors near the VIN pin as
close as possible.
2. Output decoupling capacitors for load must be placed
near the load as close as possible for decoupling high-
frequency ripples.
3. Locate APL3512 and output capacitors near the load to
reduce parasitic resistance and inductance for excel-
lent load transient performance.
4. The negative pins of the input and output capacitors
and the GND pin must be connected to the ground plane
of the load.
5. Keep V
IN and VOUT traces as wide and short as possible.
During soft-start process, the output bulk capacitor draws
inrush current from V
IN. If the inrush current reaches
foldback current-limit threshold, namely 0.8A, the output
current will be clamped in 0.8A level. It will take longer to
complete the soft-start process since the soft-start rate
is controlled neither by internal soft-start nor by external
soft-start circuitry. When the C
OUT meets the following
formula, the soft-start will be controlled by foldback cur-
rent-limiting:
C
OUT > (0.8xtSS)/VIN
Where,
t
SS is 1ms when SS is open or tied to VIN, or obtained by
the tss equation, described in the paragraph of Soft-Start
in Functional Description section when C
SS is used.
If the soft-start rate is controlled by the foldback current-
limiting, the soft-start time can be got by the following
equation:
t
SS_Foldback = (COUT x VIN)/0.8
Soft-Start Capacitor
The APL3512 has a built-in adjustable soft-start control
for user to set an optimum soft-start time for the app-
lication. The soft-start time can be calculated by the
equation, described in the paragraph of Soft-Start in Func-
tional Description section. Please note that there are mini-
mum and maximum limitations of soft-start capacitor. If
the value of soft-start capacitor is less than the minimum
limitation or higher than the maximum limitation (please
refer to the Recommended Operating Conditions), the
soft-start time will become internally controlled as if there
is no C
SS, tSS=2ms when VIN=5V, for example. If a soft-
start capacitor is used, please make sure the C
SS is in the
recommeded operating range.
0.02
0.037
0.075
Unit : Inch
Recommended Minimum Footprint
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com