Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3518 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3518
Description  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3518 Datasheet HTML 1Page - Anpec Electronics Coropration APL3518 Datasheet HTML 2Page - Anpec Electronics Coropration APL3518 Datasheet HTML 3Page - Anpec Electronics Coropration APL3518 Datasheet HTML 4Page - Anpec Electronics Coropration APL3518 Datasheet HTML 5Page - Anpec Electronics Coropration APL3518 Datasheet HTML 6Page - Anpec Electronics Coropration APL3518 Datasheet HTML 7Page - Anpec Electronics Coropration APL3518 Datasheet HTML 8Page - Anpec Electronics Coropration APL3518 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
2
Pin Configurations
SOT-23-5
APL3519B/D
(Top View)
GND 2
5 VOUT
ENB 3
4 VIN
OCB 1
GND 2
5 VOUT
EN 3
4 VIN
OCB 1
SOT-23-5
APL3519A/C
(Top View)
SOT-23-5
APL3518A/C
(Top View)
5 VIN
4 EN
GND 2
OCB 3
VOUT 1
SOT-23-5
APL3518B/D
(Top View)
GND 2
OCB 3
VOUT 1
5 VIN
4 ENB
SOP-8/MSOP-8
APL3518A/C
(Top View)
6 VOUT
5 OCB
7 VOUT
8 VOUT
GND 1
VIN 2
VIN 3
EN 4
VIN 2
7 VOUT
VIN 3
ENB 4
6 VOUT
5 OCB
8 VOUT
GND 1
SOP-8/MSOP-8
APL3518B/D
(Top View)
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APL3518
APL3519
Package Code
K : SOP-8
X : MSOP-8
B : SOT-23-5
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Output Current/EN Function
A : 2A/Active High B : 2A/Active Low
C : 1A/Active High
D : 1A/Active Low
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL3518A K:
APL3518A
XXXXX - Date Code
Assembly Material
XXXXX
APL3518A X:
L518A
XXXXX - Date Code
XXX
XX
Output Current/EN Function
APL3518A B:
L8AX
X - Date Code
APL3519A B:
L9AX
X - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com