Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3523 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3523
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3523 Datasheet HTML 9Page - Anpec Electronics Coropration APL3523 Datasheet HTML 10Page - Anpec Electronics Coropration APL3523 Datasheet HTML 11Page - Anpec Electronics Coropration APL3523 Datasheet HTML 12Page - Anpec Electronics Coropration APL3523 Datasheet HTML 13Page - Anpec Electronics Coropration APL3523 Datasheet HTML 14Page - Anpec Electronics Coropration APL3523 Datasheet HTML 15Page - Anpec Electronics Coropration APL3523 Datasheet HTML 16Page - Anpec Electronics Coropration APL3523 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
13
Typical Application Circuit
Soft-Start Time (
µs) 10% to 90%, V
BIAS=5V, CL=0.1
µF, C
IN=1
µF, R
L=10
Ω, Typical values are at T
A=25°C
CSS(pF)
VIN=5V
VIN=3.3V
VIN=1.8V
VIN=1.5V
VIN=1.2V
VIN=1.05V
VIN=0.8V
0
112
73
53
49
45
42
38
220
492
322
197
170
146
132
128
330
685
450
270
230
198
180
145
470
911
598
355
307
263
233
188
1000
2030
1280
749
635
538
470
388
2200
4360
2740
1574
1336
1118
1014
797
4700
8780
5540
3218
2696
2289
2037
1624
10000
19060
12011
6862
5700
4806
4301
3410
Note: The table Contains soft-start time values measured on a typical device. The soft-start times shown are only valid for the power-
up sequence where V
IN and VBIAS are already in steady state condition, and EN pin is asserted high.
VIN1
VOUT1
APL3523
SS2
EN1
VOUT2
VIN2
SS1
EN2
BIAS
GND
CSS2
8 ,9
13 , 14
10
11
12
CSS1
RLOAD1
CL1
150
µF
C
OUT 1
0.1
µF
150
V IN1
CIN1
1
µF
V
BIAS
On
Off
CBIAS
0.1
µF
VIN2
1, 2
6, 7
3
5
4
CIN2
1
µF
0.1
µF
C
OUT2
C
L 2
µF
RLOAD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com