Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3533 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3533
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3533 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3533 Datasheet HTML 1Page - Anpec Electronics Coropration APL3533 Datasheet HTML 2Page - Anpec Electronics Coropration APL3533 Datasheet HTML 3Page - Anpec Electronics Coropration APL3533 Datasheet HTML 4Page - Anpec Electronics Coropration APL3533 Datasheet HTML 5Page - Anpec Electronics Coropration APL3533 Datasheet HTML 6Page - Anpec Electronics Coropration APL3533 Datasheet HTML 7Page - Anpec Electronics Coropration APL3533 Datasheet HTML 8Page - Anpec Electronics Coropration APL3533 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2013
APL3533
www.anpec.com.tw
5
Typical Operating Characteristics
Quiescent Current vs. BIAS
Supply Voltage (Both Channels )
3
3.5
4
4.5
5
5.5
VBIAS = V IN
BIAS Supply Voltage, VBIAS (V)
-40
25
85
125
40
50
60
70
80
90
100
Quiescent Current vs. BIAS Supply
Voltage (Single Channel )
BIAS Supply Voltage, VBIAS (V)
3
3.5
4
4.5
5
5.5
V
BIAS = VIN
30
35
40
45
50
55
60
-40
25
85
125
Shutdown Current vs. BIAS
Supply Voltage (Both Channels)
3
3.5
4
4.5
5
5.5
BIAS Supply Voltage, VBIAS (V)
V
BIAS = VIN
0
0.1
0.2
0.3
0.4
0.5
-40
25
85
125
Off-Stage Supply Current vs. VIN
Supply Voltage (SINGLE CHANNEL)
VIN Supply Voltage, VIN (V)
3
3 .5
4
4.5
5
5.5
V BIAS = 5.5V
-40
25
85
125
0
2
4
6
8
10
12
14
-40
0
25
50
75
100
125
Switch On Resistance vs. VIN
Supply Voltage
VIN Supply Voltage, VIN (V)
0 .5
1
1.5
2
2.5
3
12
14
16
18
20
22
24
26
28
30
32
VBIAS = 3 V
-40
0
25
50
75
100
125
Switch On Resistance vs. VIN
Supply Voltage
VIN Supply Voltage, VIN (V)
0
0 .5
1
1.5
2
2.5
3
3.5
4
4.5
5
5 .5
12
13
14
15
16
17
18
19
20
21
22
23
24
VBIAS = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com