Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3534 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3534
Description  Compact, Small Package 1A Power-Distribution Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3534 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3534 Datasheet HTML 6Page - Anpec Electronics Coropration APL3534 Datasheet HTML 7Page - Anpec Electronics Coropration APL3534 Datasheet HTML 8Page - Anpec Electronics Coropration APL3534 Datasheet HTML 9Page - Anpec Electronics Coropration APL3534 Datasheet HTML 10Page - Anpec Electronics Coropration APL3534 Datasheet HTML 11Page - Anpec Electronics Coropration APL3534 Datasheet HTML 12Page - Anpec Electronics Coropration APL3534 Datasheet HTML 13Page - Anpec Electronics Coropration APL3534 Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2013
APL3534/A/B
www.anpec.com.tw
13
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-120 seconds
Average ramp-up rate
(Tsmax to TP)
3
°C/second max.
3
°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak package body Temperature
(Tp)*
See Classification Temp in table 1
See Classification Temp in table 2
Time (tP)** within 5
°C of the specified
classification temperature (Tc)
20** seconds
30** seconds
Average ramp-down rate (Tp to Tsmax)
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile Temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Classification Profile
Classification Reflow Profiles
Supplier T
p≧Tc
Supplier t
p
User T
p≦Tc
User t
p
t
t
S
Time
T
p
T
L
t
p
T
C -5
oC
25
Time 25oC to Peak
Max. Ramp Up Rate = 3oC/s
Max. Ramp Down Rate = 6oC/s
Preheat Area
T
smax
T
smin
T
C
T
C -5
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com