Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5601 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5601
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5601 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5601 Datasheet HTML 1Page - Anpec Electronics Coropration APL5601 Datasheet HTML 2Page - Anpec Electronics Coropration APL5601 Datasheet HTML 3Page - Anpec Electronics Coropration APL5601 Datasheet HTML 4Page - Anpec Electronics Coropration APL5601 Datasheet HTML 5Page - Anpec Electronics Coropration APL5601 Datasheet HTML 6Page - Anpec Electronics Coropration APL5601 Datasheet HTML 7Page - Anpec Electronics Coropration APL5601 Datasheet HTML 8Page - Anpec Electronics Coropration APL5601 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
APL5601/5602
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Low Dropout 600mA Fixed Voltage Linear Regulator
The APL5601/5602 family of low-power and low dropout
linear regulators which operate from 2.9V to 6.5V input
voltage and deliver up to 600mA output current. Typical
dropout voltage is only 220mV (typical) at 600mA output.
The APL5601/5602 regulators with low 140
µA quiescent
current are ideal for battery-powered system appliances.
The APL5601/5602 regulators are stable with a 2.2
µF
ceramic capacitor. The features of current-limit, short cir-
cuit current-limit, and over-temperature protection protect
the device against currnet over loads and overtemperature.
The APL5601/5602 regulators come in SOT-23-3, SOT-
89, and SOT-223 packages.
Features
General Description
Applications
•
CD/DVD-ROM, CD-R/W
•
Networking System, LAN Card, ADSL/Cable Modem
•
Set-Top Box
•
PC Peripherals
•
Battery-Powered System
Simplified Application Circuit
•
Low Dropout Voltage: 220mV (Typical) @600mA
•
Wide Input Voltage from 2.9V~6.5V
•
Low Quiescent Current: 140
µA
•
Output Voltage Range : 1~5V
•
Fixed Output Voltage with 2% Accuracy
•
Stable with a Low ESR, 2.2
µF Output Capacitance
•
Short Circuit Current-Limit
•
Over-Temperature Protection
•
Current-Limit Protection
•
Internal Soft-Start
•
SOT-23-3, SOT-89, and SOT-223 Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Pin Configuration
V
IN
V
OUT
C
IN
C
OUT
1
µF
2.2
µF
VIN
VOUT
GND
APL5601/5602
VOUT 2
3 VIN
SOT-23-3
(Top View)
APL5601
GND 1
SOT-223
(Top View)
APL5601
VIN 2
VOUT 3
GND 1
VIN
(Tab)
SOT-89
(Top View)
VIN
(Tab)
VIN 2
VOUT 3
GND 1
APL5601
GND
(Tab)
GND 2
VIN 3
VOUT 1
SOT-89
(Top View)
APL5602
SOT-223
(Top View)
APL5602
GND 2
GND
(Tab)
VIN 3
VOUT 1


Similar Part No. - APL5601

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL5601

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com