Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02DZ2.0 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 02DZ2.0
Description  Constant Voltage Regulation Applications Reference Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02DZ2.0 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  02DZ2.0 Datasheet HTML 1Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 2Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 3Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 4Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 5Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 6Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 7Page - Toshiba Semiconductor 02DZ2.0 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
02DZ2.0~02DZ24
2007-11-01
4
Electrical Characteristics (Ta = 25ºC)
Zener Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ(Ω)
ZZK (Ω)
IR (μA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
X
6.40
6.80
Y
6.60
7.02
02DZ6.8
Z
6.82
7.20
5
25
5
150
0.5
0.5
5.0
X
7.00
7.43
Y
7.23
7.66
02DZ7.5
Z
7.46
7.90
5
23
5
120
0.5
0.5
6.0
X
7.70
8.16
Y
7.96
8.43
02DZ8.2
Z
8.23
8.70
5
20
5
120
0.5
0.5
6.5
X
8.50
9.00
Y
8.80
9.30
02DZ9.1
Z
9.10
9.60
5
18
5
120
0.5
0.5
7.0
X
9.40
9.93
Y
9.73
10.26
02DZ10
Z
10.06
10.60
5
15
5
120
0.5
0.5
8.0
X
10.40
10.98
Y
10.73
11.26
02DZ11
Z
11.06
11.60
5
15
5
120
0.5
0.5
8.5
X
11.40
11.93
Y
11.73
12.26
02DZ12
Z
12.06
12.60
5
15
5
110
0.5
0.5
9.0
X
12.40
13.08
Y
12.88
13.57
02DZ13
Z
13.37
14.10
5
15
5
110
0.5
0.5
10
X
13.80
14.63
Y
14.33
15.11
02DZ15
Z
14.81
15.60
5
15
5
110
0.5
0.5
11
X
15.30
16.10
Y
15.80
16.60
02DZ16
Z
16.30
17.10
5
18
5
150
0.5
0.5
12
X
16.80
17.76
Y
17.46
18.43
02DZ18
Z
18.13
19.10
5
20
5
150
0.5
0.5
14
*:
Test time: t = 30ms
**:
Product by order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com