Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02DZ2.7 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 02DZ2.7
Description  Constant Voltage Regulation Applications Reference Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02DZ2.7 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  02DZ2.7 Datasheet HTML 1Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 2Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 3Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 4Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 5Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 6Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 7Page - Toshiba Semiconductor 02DZ2.7 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
02DZ2.0~02DZ24
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
02DZ2.0~02DZ24
Constant Voltage Regulation Applications
Reference Voltage Applications
The mounting of four devices on an ultra-compact package allows the
number of parts and the mounting cost to be reduced.
Nominal voltage tolerance about ±2.5%
(2.0V~24V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P*
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
*: Mounted on a glass epoxy circuit board of 20 × 20mm, pad
dimensions of 4 × 4mm.
Electrical Characteristics
(See Pages 3~5.)
JEDEC
−
JEITA
−
TOSHIBA
1-1E1A
Weight: 4.5mg (typ.)
Unit: mm


Similar Part No. - 02DZ2.7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02DZ2.7 TOSHIBA-02DZ2.7 Datasheet
262Kb / 6P
DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
More results

Similar Description - 02DZ2.7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015Z2 TOSHIBA-015Z2 Datasheet
233Kb / 5P
DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS)
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
02DZ2 TOSHIBA-02DZ2 Datasheet
262Kb / 6P
DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0_07 Datasheet
985Kb / 6P
Constant-Voltage Regulation Applications
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com