Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5603 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5603 Datasheet HTML 1Page - Anpec Electronics Coropration APL5603 Datasheet HTML 2Page - Anpec Electronics Coropration APL5603 Datasheet HTML 3Page - Anpec Electronics Coropration APL5603 Datasheet HTML 4Page - Anpec Electronics Coropration APL5603 Datasheet HTML 5Page - Anpec Electronics Coropration APL5603 Datasheet HTML 6Page - Anpec Electronics Coropration APL5603 Datasheet HTML 7Page - Anpec Electronics Coropration APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
4
APL5603
Electrical Characteristics (Cont.)
APL5603
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START AND PROTECTION
ILIM
Output Current-Limit
700
-
-
mA
Thermal Shutdown Temperature
-
150
-
°C
Thermal Shutdown Hysteresis
-
40
-
°C
Short-Circuit Current-Limit
VOUT
< 0.6V
-
250
-
mA
TSS
Soft-Start Time
-
130
300
µs
LOGIC INPUT
EN Logic Input-High Level
1.6
-
-
V
EN Logic Input-Low Level
-
-
0.4
V
EN Pull-Low Resistance
VEN<3V
-
2
-
M
Ω
Refer to the typical application circuit. V
IN = VOUT+1V or 2.9V (minimum), whichever is great, VEN = VIN, IOUT = 1mA,
T
J = -40 to 125 °C, TA = -40 to 85°C
, unless otherwise specified. Typical values are at T
A = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com