Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3423 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3423
Description  Audio Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3423 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3423 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3423
2006-11-09
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3423
Audio Frequency Amplifier Applications
• Complementary to 2SA1360
• Small collector output capacitance: Cob = 1.8 pF (typ.)
• High transition frequency: fT = 200 MHz (typ.)
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
150
V
Collector-emitter voltage
VCEO
150
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Base current
IB
5
mA
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC3423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3423 TOSHIBA-2SC3423 Datasheet
143Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC3423 TOSHIBA-2SC3423 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
logo
Savantic, Inc.
2SC3423 SAVANTIC-2SC3423 Datasheet
141Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3423 JMNIC-2SC3423 Datasheet
202Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3423 ISC-2SC3423 Datasheet
176Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
Audio Frequency Amplifier Applications
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com