Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5885 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5885
Description  500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5885 Datasheet HTML 1Page - Anpec Electronics Coropration APL5885 Datasheet HTML 2Page - Anpec Electronics Coropration APL5885 Datasheet HTML 3Page - Anpec Electronics Coropration APL5885 Datasheet HTML 4Page - Anpec Electronics Coropration APL5885 Datasheet HTML 5Page - Anpec Electronics Coropration APL5885 Datasheet HTML 6Page - Anpec Electronics Coropration APL5885 Datasheet HTML 7Page - Anpec Electronics Coropration APL5885 Datasheet HTML 8Page - Anpec Electronics Coropration APL5885 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
APL5885
www.anpec.com.tw
2
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2009
Absolute Maximum Ratings (Note 1)
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
9
V
IOUT
Output Current
500
mA
TA
Operating Ambient Temperature Range
0 to 70
°C
TJ
Operating Ambient Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
PD
Power Dissipation Package
Interanl Limited
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance
SOT-89
180
°C / W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics (Note 2)
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in
free air.
Package Code
D : SOT-89
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5885
Handling Code
Temperature Range
Package Code
APL5885-18 D :
APL5885
XXXXX18
XXXXX - Date Code
XXXXX - Date Code
APL5885 D :
Assembly Material
APL5885
XXXXX
APL5885-25 D :
APL5885
XXXXX25
XXXXX - Date Code
APL5885-33 D :
APL5885
XXXXX33
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com