Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7008 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 10Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 11Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 15Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 16Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 17Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
14
Function Description (Cont.)
Shutdown/Enable
Pull the EN above 1.3V to enable the device and pull EN
pin below 0.3V to disable the device. In shutdown mode,
LED Current Setting (Cont.)
If any of LEDs is failed or unused LED channel is not
connected to VOUT, the charge pump mode will go into
2x mode and the output voltage will be pumped to 2
times the input voltage. If the output voltage is over
5.5V, the over-voltage protection circuit will limit the out-
put voltage to approximately 5.5V.
Figure 1. RSET Value vs. LED Current
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
ILED (mA)
Over-Voltage Protection
all internal control circuits are turned off and the qui-
escent current is below 2
µA. When the device exits shut-
down mode, the output has soft-start function as the in-
put voltage startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com