Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC821APW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 74LVC821APW
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821APW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  74LVC821APW Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
2 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ (C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb = 25 °C; tr = tf ≤ 2.5 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay CP to Qn
CL = 50 pF; VCC = 3.3 V
-
3.7
-
ns
tPZH, tPZL
3-state output enable time OE to Qn
CL = 50 pF; VCC = 3.3 V
-
3.5
-
ns
tPHZ, tPLZ
3-state output disable time OE to Qn
CL = 50 pF; VCC = 3.3 V
-
3.0
-
ns
fmax
maximum clock frequency
CL = 50 pF; VCC = 3.3 V
-
200
-
MHz
CI
input capacitance
-
5.0
-
pF
CPD
power dissipation capacitance per gate
VCC = 3.3 V
[1] [2]
outputs enabled
-
17
-
pF
outputs disabled
-
11
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC821AD
−40 °C to +125 °C
SO24
plastic small outline package; 24 leads; body width
7.5 mm
SOT137-1
74LVC821ADB
−40 °C to +125 °C
SSOP24
plastic shrink small outline package; 24 leads; body
width 5.3 mm
SOT340-1
74LVC821APW
−40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74LVC821ABQ
−40 °C to +125 °C
DHVQFN24 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 24 terminals;
body 3.5
× 5.5 × 0.85 mm
SOT815-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com