Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7089 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7089 Datasheet HTML 1Page - Anpec Electronics Coropration APW7089 Datasheet HTML 2Page - Anpec Electronics Coropration APW7089 Datasheet HTML 3Page - Anpec Electronics Coropration APW7089 Datasheet HTML 4Page - Anpec Electronics Coropration APW7089 Datasheet HTML 5Page - Anpec Electronics Coropration APW7089 Datasheet HTML 6Page - Anpec Electronics Coropration APW7089 Datasheet HTML 7Page - Anpec Electronics Coropration APW7089 Datasheet HTML 8Page - Anpec Electronics Coropration APW7089 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
4A, 26V, 380kHz, Asynchronous Step-Down Converter
Features
•
Wide Input Voltage from 4.5V to 26V
•
Output Current up to 4A
•
Adjustable Output Voltage from 0.8V to 90% V
IN
- 0.8V Reference Voltage
-
±2.5% System Accuracy
•
80m
Ω Integrated P-Channel Power MOSFET
•
High Efficiency up to 91%
- Pulse-Skipping Mode (PSM) / PWM Mode Op-
eration
•
Current-Mode Operation
- Stable with Ceramic Output Capacitors
- Fast Transient Response
•
Power-On-Reset Monitoring
•
Fixed 380kHz Switching Frequency in PWM Mode
•
Built-in Digital Soft-Start
•
Output Current-Limit Protection with Frequency
Foldback
•
70% Under-Voltage Protection
•
Over-Temperature Protection
•
<5
µA Quiescent Current During Shutdown
•
Thermal-Enhanced SOP-8P Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APW7089 is a 4A, asynchronous, step-down con-
verter with integrated 80m
Ω P-channel MOSFET. The
device, with current-mode control scheme, can convert
4.5~26V input voltage to the output voltage adjustable
from 0.8 to 90% V
IN to provide excellent output voltage
regulation.
The APW7089 regulates the output voltage in automatic
PSM/PWM mode operation, depending on the output
current, for high efficiency operation over light to full load
current. The APW7089 is also equipped with power-on-
reset, soft-start, and whole protections (under-voltage,
over-temperature, and current-limit) into a single package.
In shutdown mode, the supply current drops below 5
µA.
This device, available in a 8-pin SOP-8P package, pro-
vides a very compact system solution with minimal exter-
nal components and good thermal conductance.
•
LCD Monitor / TV
•
Set-Top Box
•
Portable DVD
•
Wireless LAN
•
ADSL, Switch HUB
•
Notebook Computer
•
Step-Down Converters Requiring High Efficiency
and 4A Output Current
Output Current, I
OUT (A)
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
V
OUT =5V
V
OUT =3.3V


Similar Part No. - APW7089

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7089QBE-TBG ANPEC-APW7089QBE-TBG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TBL ANPEC-APW7089QBE-TBL Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TRG ANPEC-APW7089QBE-TRG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QBE-TRL ANPEC-APW7089QBE-TRL Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7089QDE-TBG ANPEC-APW7089QDE-TBG Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7089

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com