Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7136C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7136C
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7136C Datasheet HTML 7Page - Anpec Electronics Coropration APW7136C Datasheet HTML 8Page - Anpec Electronics Coropration APW7136C Datasheet HTML 9Page - Anpec Electronics Coropration APW7136C Datasheet HTML 10Page - Anpec Electronics Coropration APW7136C Datasheet HTML 11Page - Anpec Electronics Coropration APW7136C Datasheet HTML 12Page - Anpec Electronics Coropration APW7136C Datasheet HTML 13Page - Anpec Electronics Coropration APW7136C Datasheet HTML 14Page - Anpec Electronics Coropration APW7136C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
APW7136A/B/C
www.anpec.com.tw
11
Application Information
Input Capacitor Selection
The input capacitor (C
IN) reduces the ripple of the input
current drawn from the input supply and reduces noise
injection into the IC. The reflected ripple voltage will be
smaller when an input capacitor with larger capacitance
is used. For reliable operation, it is recommended to
select the capacitor with maximum voltage rating at least
1.2 times of the maximum input voltage. The capacitors
should be placed close to the VIN and the GND.
Inductor Selection
Selecting an inductor with low DC resistance reduces
conduction losses and achieves high efficiency. The effi-
ciency is moderated whilst using small chip inductor
which operates with higher inductor core losses.
Therefore, it is necessary to take further consideration
while choosing an adequate inductor. Mainly, the induc-
tor value determines the inductor ripple current: larger
inductor value results in smaller inductor ripple current
and lower conduction losses of the converter. However,
larger inductor value generates slower load transient
response. A reasonable design rule is to set the ripple
current,
∆I
L, to be 30% to 50% of the maximum average
inductor current, I
L(AVG). The inductor value can be ob-
tained as below,
where
V
IN = input voltage
V
OUT = output voltage
F
SW = switching frequency in MHz
I
OUT = maximum output current in amp.
η = Efficiency
∆I
L /IL(AVG) = inductor ripple current/average current
(0.3 to 0.5, typical)
To avoid the saturation of the inductor, the inductor should
be rated at least for the maximum input current of the
converter plus the inductor ripple current. The maximum
input current is calculated as below:
η
⋅
⋅
=
IN
OUT
)
MAX
(
OUT
)
MAX
(
IN
V
V
I
I
The peak inductor current is calculated as the following
equation:
(
)
SW
OUT
IN
OUT
IN
)
MAX
(
IN
PEAK
F
L
V
V
V
V
2
1
I
I
⋅
⋅
−
⋅
⋅
+
=
Output Capacitor Selection
The current-mode control scheme of the APW7136 al-
lows the usage of tiny ceramic capacitors. The higher
capacitor value provides good load transients response.
Ceramic capacitors with low ESR values have the lowest
output voltage ripple and are recommended. If required,
tantalum capacitors may be used as well. The output ripple
is the sum of the voltages across the ESR and the ideal
output capacitor.
where I
PEAK is the peak inductor current.
Δ V
OUT = Δ VESR + Δ VCOUT


⋅
−
⋅
≈
∆
SW
OUT
IN
OUT
OUT
OUT
COUT
F
V
V
V
C
I
V
ESR
PEAK
ESR
R
I
V
⋅
≈
∆
(
)
 ∆
η
×
⋅
−
×


≥
AVG
L
L
)
MAX
(
OUT
SW
IN
OUT
2
OUT
IN
I
I
I
F
V
V
V
V
L
V
IN
V
OUT
I
L
N-FET
LX
I
OUT
I
SW
C
IN
C
OUT
I
IN
D1
ESR
I
LIM
I
L
I
PEAK
I
IN
I
OUT
I
SW
I
D
∆I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com