Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7136CCITRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7136CCITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136CCITRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7136CCITRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136CCITRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
APW7136A/B/C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
The APW 7136A/B/C also integrates under-voltage
lockout, over-temperature protection, and current-limit
circuits. The APW7136/A/B/C is available in a SOT-23-6
packages.
Features
•
Wide Input Voltage from 2.7V to 6V
•
0.25V Reference Voltage
•
Fixed 1MHz Switching Frequency
•
High Efficiency up to 87%
•
100Hz to 100kHz PWM Brightness Control
Frequency
•
Open-LED Protection
•
Under-Voltage Lockout Protection
•
Over-Temperature Protection
•
<1
µA Quiescent Current Dduring Shutdown
•
SOT-23-6 Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
•
White LED Display Backlighting
•
Cell Phone and Smart Phone
•
PDA, PMP, MP3
•
Digital Camera
Simplified Application Circuit
Pin Configuration
The APW7136A/B/C is a current-mode and fixed frequency
boost converter with an integrated N-FET to drive up to 8
white LEDs in series.
The series connection allows the LED current to be iden-
tical for uniform brightness. Its low on-resistance of N-
FET and feedback voltage reduce power loss and achieve
high efficiency. Fast 1MHz current-mode PWM operation
is available for input and output capacitors and a small
inductor while minimizing ripple on the input supply. The
OVP pin monitors the output voltage and stops switching
if exceeds the over-voltage threshold. An internal soft-
start circuit eliminates the inrush current during start-up.
GND
VIN
V
OUT
EN
LX
FB
OVP
4
6
5
3
2
1
L1
22
µH
C2
1
µF
C1
4.7
µF
R1
12
Ω
V
IN
Up to 8
WLEDs
OFF ON
4 EN
6 VIN
GND 2
5 OVP
FB 3
LX 1
SOT-23-6 Top View


Similar Part No. - APW7136CCITRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7136CCITRG ANPEC-APW7136CCITRG Datasheet
423Kb / 15P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results

Similar Description - APW7136CCITRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com