Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ201 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ201
Description  High-Power Amplifier Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ201 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ201 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ201 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ201 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ201 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ201 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SJ201
2009-12-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain cut−off current
IDSS
VDS = −200 V, VGS = 0
―
―
−1.0
mA
Gate leakage current
IGSS
VDS = 0, VGS = ±20 V
―
―
±0.5
μA
Drain−source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0
−200
―
―
V
Gate−source cut−off voltage
(Note 2)
VGS (OFF)
VDS = −10 V, ID = −0.1 A
−0.8
―
−2.8
V
Drain−source saturation voltage
VDS (ON)
ID = −8 A, VGS = −10 V
―
−2.0
−5.0
V
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −5 A
―
5.0
―
S
Input capacitance
Ciss
VDS = −30 V, VGS = 0, f = 1 MHz
―
1500
―
Output capacitance
Coss
VDS = −30 V, VGS = 0, f = 1 MHz
―
400
―
Reverse transfer capacitance
Crss
VDS = −30 V, VGS = 0, f = 1 MHz
―
230
―
pF
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VGS (OFF) Classification
O: −0.8 to −1.6, Y: −1.4 to −2.8
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Marking
Note 3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2SJ201
TOSHIBA
JAPAN
Lot No.
Note 3
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com