Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1107FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1107FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1107FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1107FS Datasheet HTML 1Page - Toshiba Semiconductor RN1107FS Datasheet HTML 2Page - Toshiba Semiconductor RN1107FS Datasheet HTML 3Page - Toshiba Semiconductor RN1107FS Datasheet HTML 4Page - Toshiba Semiconductor RN1107FS Datasheet HTML 5Page - Toshiba Semiconductor RN1107FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN1107~1109
2010-04-06
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
100
nA
Collector cut off current
RN1107 to 1109
ICEO
VCE = 50 V, IB = 0
500
nA
RN1107
VEB = 6 V, IC = 0
0.081
0.15
RN1108
VEB = 7 V, IC = 0
0.078
0.145
Emitter cut-off current
RN1109
IEBO
VEB = 15 V, IC = 0
0.167
0.311
mA
RN1107
80
RN1108
80
DC current gain
RN1109
hFE
VCE = 5 V, IC = 10 mA
70
Collector-emitter
saturation voltage
RN1107 to 1109
VCE (sat)
IC = 5 mA, IB = 0.25 mA
0.1
0.3
V
RN1107
0.7
1.8
RN1108
1.0
2.6
Input voltage (ON)
RN1109
VI (ON)
VCE = 0.2 V, IC = 5 mA
2.2
5.8
V
RN1107
0.5
1.0
RN1108
0.6
1.16
Input voltage (OFF)
RN1109
VI (OFF)
VCE = 5 V, IC = 0.1 mA
1.5
2.6
V
Transition frequency
RN1107 to 1109
fT
VCE =10 V, IC = 5 mA
250
MHz
Collector output
capacitance
RN1107 to 1109
Cob
VCB = 10 V, IE = 0,
f = 1 MHz
3
6
pF
RN1107
7
10
13
RN1108
15.4
22
28.6
Input Resistor
RN1109
R1
32.9
47
61.1
kΩ
RN1107
0.191
0.213
0.232
RN1108
0.421
0.468
0.515
Resistor Ratio
RN1109
R1/R2
1.92
2.14
2.35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com