Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7215 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7215 Datasheet HTML 1Page - Anpec Electronics Coropration APW7215 Datasheet HTML 2Page - Anpec Electronics Coropration APW7215 Datasheet HTML 3Page - Anpec Electronics Coropration APW7215 Datasheet HTML 4Page - Anpec Electronics Coropration APW7215 Datasheet HTML 5Page - Anpec Electronics Coropration APW7215 Datasheet HTML 6Page - Anpec Electronics Coropration APW7215 Datasheet HTML 7Page - Anpec Electronics Coropration APW7215 Datasheet HTML 8Page - Anpec Electronics Coropration APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
2
APW7215
Symbol
Parameter
Rating
Unit
VIN
VIN Pin to GND
-0.3 to 7
V
FB and EN to GND
-0.3 ~ VIN
V
VLX
LX Pin to GND
-0.3 to 40
V
PD
Power Dissipation
Internally Limit
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in free air (Note 2)
TDFN2x2-6
165
oC/W
θ
JC
Junction-to-Case Resistance
TDFN2x2-6
20
oC/W
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
APW7215
Handling Code
Temperature Range
Package Code
Assembly Material
APW7215QB:
X - Date Code
W15
X
Package Code
QB: TDFN2x2-6
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com