Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7236 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7236
Description  1.5MHz Step-Up Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7236 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7236 Datasheet HTML 9Page - Anpec Electronics Coropration APW7236 Datasheet HTML 10Page - Anpec Electronics Coropration APW7236 Datasheet HTML 11Page - Anpec Electronics Coropration APW7236 Datasheet HTML 12Page - Anpec Electronics Coropration APW7236 Datasheet HTML 13Page - Anpec Electronics Coropration APW7236 Datasheet HTML 14Page - Anpec Electronics Coropration APW7236 Datasheet HTML 15Page - Anpec Electronics Coropration APW7236 Datasheet HTML 16Page - Anpec Electronics Coropration APW7236 Datasheet HTML 17Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2012
APW7236
www.anpec.com.tw
13
Package Information
TSOT-23-6A
Note : Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.
0.020
0.008
0.004
0.024
0.035
0.039
MAX.
0.30
L
0
0°
E
e
e1
E1
D
c
b
0.08
0.30
0.012
0.60
8°
0°
8°
0.95 BSC
1.90 BSC
0.50
0.20
0.075 BSC
0.037 BSC
0.012
0.003
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.01
0.70
TSOT-23-6A
MAX.
0.90
0.10
1.00
MIN.
0.000
0.028
INCHES
2.70
3.10
0.106
0.122
2.60
3.00
0.102
0.118
1.40
1.80
0.055
0.071
0.70
0.028
D
e
e1
b
c
SEE VIEW A
VIEW A
L
SEATING PLANE
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com