Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7322 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7322
Description  2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7322 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7322 Datasheet HTML 1Page - Anpec Electronics Coropration APW7322 Datasheet HTML 2Page - Anpec Electronics Coropration APW7322 Datasheet HTML 3Page - Anpec Electronics Coropration APW7322 Datasheet HTML 4Page - Anpec Electronics Coropration APW7322 Datasheet HTML 5Page - Anpec Electronics Coropration APW7322 Datasheet HTML 6Page - Anpec Electronics Coropration APW7322 Datasheet HTML 7Page - Anpec Electronics Coropration APW7322 Datasheet HTML 8Page - Anpec Electronics Coropration APW7322 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2013
APW7322/A
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN, VCC
VIN and VCC Input Voltage
-0.3 ~ 7
V
>20ns
-1 ~VIN+0.3
VLX
LX to GND Voltage
<20ns
VPGND -5V ~9V
V
FB, EN, POK to GND Voltage
-0.3 ~ 6.5
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature(10 Seconds)
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8
TDFN3x3-10
150
50
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8
TDFN3x3-10
20
6
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8 and TDFN3x3-10 is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the SOP-8 package.
APW7322
Handling Code
Temperature Range
Package Code
Assembly Material
Package Code
K : SOP-8
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7322 K:
XXXXX - Date Code
APW7322
XXXXX
APW7322A K:
XXXXX - Date Code
APW7322A
XXXXX
APW7322A
APW7322 QB:
XXXXX - Date Code
APW
7322
XXXXX
APW7322A QB:
XXXXX - Date Code
APW
7322A
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com