Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP181F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP181F
Description  Office Machine Programmable Controllers AC Adapter I/O Interface Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181F Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP181F Datasheet HTML 1Page - Toshiba Semiconductor TLP181F Datasheet HTML 2Page - Toshiba Semiconductor TLP181F Datasheet HTML 3Page - Toshiba Semiconductor TLP181F Datasheet HTML 4Page - Toshiba Semiconductor TLP181F Datasheet HTML 5Page - Toshiba Semiconductor TLP181F Datasheet HTML 6Page - Toshiba Semiconductor TLP181F Datasheet HTML 7Page - Toshiba Semiconductor TLP181F Datasheet HTML 8Page - Toshiba Semiconductor TLP181F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP181
2009-11-12
7
IC – VCE
50
0
Collector-emitter voltage VCE (V)
0
40
30
20
10
2
4
6
8
10
50mA
30mA
20mA
15mA
10mA
PC (max)
IF = 5mA
Ta = 25°C
Collector-emitter voltage VCE (V)
IC – VCE
30
0
0
1.0
0.2
0.4
0.6
0.8
20
10
50mA
Ta = 25°C
40mA
30mA
20mA
10mA
5mA
2mA
IC – IF
Forward current IF (mA)
0.1
0.1
0.3
0.5
1
3
5
10
30
50
100
0.3 0.5
1
3
5
10
30 50
Sample A
Sample B
Ta = 25°C
VCE = 10V
VCE = 5V
VCE = 0.4V
Forward current IF (mA)
1000
10
IC / IF – IF
0.1
0.3 0.5
1
3
5
10
30 50
30
50
100
300
500
VCE = 10V
VCE = 5V
VCE = 0.4V
Ta = 25°C
Sample B
Sample A
ICEO – Ta
0
10
1
VCE = 48V
5V
10V
24V
20
40
60
80
100
Ambient temperature Ta (°C)
10
0
10
−1
10
−2
10
−3
10
−4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com