Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8802 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8802 Datasheet HTML 1Page - Anpec Electronics Coropration APW8802 Datasheet HTML 2Page - Anpec Electronics Coropration APW8802 Datasheet HTML 3Page - Anpec Electronics Coropration APW8802 Datasheet HTML 4Page - Anpec Electronics Coropration APW8802 Datasheet HTML 5Page - Anpec Electronics Coropration APW8802 Datasheet HTML 6Page - Anpec Electronics Coropration APW8802 Datasheet HTML 7Page - Anpec Electronics Coropration APW8802 Datasheet HTML 8Page - Anpec Electronics Coropration APW8802 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
2
Ordering and Marking Information
Pin Configuration
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW8802
Handling Code
Temperature Range
Package Code
APW8802
XXXXX
Package Code
QB : TQFN5x6-28
Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8802 QB :
Assembly Material
XXXXX - Date Code
POK 2
PGND 4
GND 3
PGND 5
FB 1
NC 7
NC 6
LX 8
19 VIN
18 VIN
16 LX
17 LX
15 LX
21 BOOT
22 PGND
20 VIN
= Thermal Pad (connected to GND plane for better heat dissipation)
TQFN5x6-28
(Top View)
VIN
PGND
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com