Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8811 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration APW8811 Datasheet HTML 15Page - Anpec Electronics Coropration APW8811 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
12
Reference Voltages and Linear Regulator
(REF and LDO3/5)
The 2V reference, REF, is accurate to ±1% over-
temperature. Bypass to GND with a 0.1
µF (minimum)
capacitor. REF can source up to 50
µA for external loads.
However, avoid loading REF if extremely accurate speci-
fications for both the main output voltages and REF are
essential. In addition, REF voltage must be bigger than
its rising enable threshold, and then the LDO output starts
to rise up.
The LDO3 and LDO5 regulators can supply up to 100mA
for external loads. Bypass to GND with a minimum of
2.2
µF ceramic capacitor for stability. When ENLDO is
enabled, the V
LDO3 is fixed 3.33V and the VLDO5 is fixed 5V in
standby mode. When PWMx output voltage is over whose
bypass threshold(PWM1 is 4.7V and PWM2 is 3.15V), the
switchover between the internal LDOx and VOUTx is
workable. These actions change the current path to power
the loads from the PWMx regulateon voltage, rather than
from the internal linear regulator.
Function Description (Cont.)
Ultrasonic Mode (Cont.)
A Power-On-Reset (POR) function is designed to prevent
wrong logic controls. The POR function continually moni-
tors the supply voltage on the LDO5 pins. LDO5 POR
circuitry inhibits wrong switching. When the rising V
LDO5
voltage reaches the rising POR threshold (4.2V typ.), the
output voltages begin to ramp up. When the LDO5 volt-
age is lower than 4.1V(typ.) or LDO3 voltage is lower than
2.5V(typ.), both switch power supplies are shut off. This
is non-latch protection. LDO5 POR threshold could reset
the under-voltage, over-voltage.
Power-On-Reset
The APW8811 integrates digital soft-start circuit to ramp
up the PWMx output voltage of the converter to the pro-
grammed regulation set point at a predictable slew rate.
The slew rate of PWMx output voltage is internally con-
trolled to limit the inrush current through the output ca-
pacitors during soft-start process. When the ENPWM pin
is pulled above the rising threshold voltage, the both of
PWM1 and PWM2 initiate a soft-start process to ramp up
the output voltage at the same time. The soft-start interval
is 1.7ms(typ.) and independent of the UGATE switching
frequency.
Digital Soft-Start
The APW8811 has two independent enable controls for
PWM and LDO. When the ENLDO pin is high (EN=1), the
REF, LDO3 and LDO5 are enabled to standby mode. It
means that the PWM1 and PWM2 are ready to enable at
this mode. When the ENPWM pin is high (EN=1) at standby
mode, the both of PWM1 and PWM2 initiate a soft-start
process to ramp up the output voltage at the same time.
When both ENLDO and ENPWM are low, the chip is in its
low-power shutdown state. The APW8811 only consumes
20
µA of quiescent current while in shutdown.
Both PWM outputs are discharged to 0V through a 25
Ω
switch and both LDO outputs is discharged to 0V through
a 40
Ω switch in shutdown mode. Driving ENPWM or
ENLDO below 0.4V clears the over-voltage, under-volt-
age and over-temperature fault latches.
Enable Controls
In the event of PWM under-voltage or shutdown, the chip
enables the soft-stop function. The soft-stop function dis-
charges the PWM output voltages to GND through an
internal 25
Ω switch. The reference remains active to pro-
vide an accurate threshold and to provide over-voltage
protection.
Soft-Stop (PWMs)
controller turns off the low-side MOSFET and triggers a
constant-on-time. When the constant-on-time has
expired, the controller turns on the low-side MOSFET
again until the inductor current is below the zero-cross-
ing threshold. The behavior is the same with PFM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com