Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP621 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC?묲nput Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP621 Datasheet HTML 1Page - Toshiba Semiconductor TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
2
● Current Transfer Ratio
Current Transfer Ratio
(%) (IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classi
fication
*1
Min.
Max.
Marking Of
Classification
(None)
50
600
Blank, Y, Y
, G, G, B, B, GB
Rank Y
50
150
Y, Y
Rank GR
100
300
G, G
Rank BL
200
600
B, B
TLP621
Rank GB
100
600
G, G
, B, B, GB
(None)
50
600
Blank, GR, BL, GB
TLP621
−2
TLP621
−4
Rank GB
100
600
GR, BL, GB
*1: Ex. rank GB: TLP621 (GB)
(Note) Application type name for certification test, please use standard product type name, i.e.
TLP621 (GB): TLP621
TLP621
−2 (GB): TLP621−2
Made In Japan
Made In Thailand
UL recognized
E67349
*2
E152349
*2
BSI approved
6508, 7445
*3
6505, 7445
*3
SEMKO approved
9735090 / 01
*4
*2
UL1577
*3
BS EN60065: 2002, BS EN60950-1: 2002
*4
EN60950 (approved is TLP621 only)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com