Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP621 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC?묲nput Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor TLP621 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
8
ΔVF / ΔTa – IF
Forward current IF (mA)
1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.1
0.3
3
10
30
ID – Ta
Ambient temperature Ta (°C)
0
40
80
120
160
101
100
10-1
10-2
10-3
10-4
VCE = 24V
10V
5V
IF – VF
Forward voltage VF (V)
100
50
30
10
5
3
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
0.5
0.3
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
300
100
0
0.4
0.8
1.2
1.6
2.0
50
30
10
5
3
1
2.4
Pulse width ≤ 10μs
Repetitive
Frequency = 100Hz
Ta = 25°C
IC – VCE
Collector-emitter voltage VCE (V)
80
60
40
20
0
0
2
4
8
6
10
50mA
30mA
20mA
15mA
10mA
IF = 5mA
PC (MAX.)
Ta = 25°C
IC – VCE
Collector-emitter voltage VCE (V)
25
20
15
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
50mA
40mA
30mA
20mA
10mA
5mA
IF = 2mA
5
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com