Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP624 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP624
Description  Programmable Controllers AC/DC?묲nput Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP624 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP624 Datasheet HTML 1Page - Toshiba Semiconductor TLP624 Datasheet HTML 2Page - Toshiba Semiconductor TLP624 Datasheet HTML 3Page - Toshiba Semiconductor TLP624 Datasheet HTML 4Page - Toshiba Semiconductor TLP624 Datasheet HTML 5Page - Toshiba Semiconductor TLP624 Datasheet HTML 6Page - Toshiba Semiconductor TLP624 Datasheet HTML 7Page - Toshiba Semiconductor TLP624 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP624,TLP624
−2,TLP624−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP624,TLP624
−2,TLP624−4
Programmable Controllers
AC/DC
−Input Module
Telecommunication
The TOSHIBA TLP624, −2 and −4 consist of a gallium arsenide infrared
emitting diode optically coupled to a photo−transistor.
The TLP624−2 offers two isolated channels in an eight lead plastic DIP,
while the TLP624−4 provides four isolated channels in a sixteen plastic
DIP.
• Collector−emitter voltage: 55V min.
• Current transfer ratio
• Isolation voltage: 5000Vrms min.
• UL recognized: UL1577, file No.E67349
• BSI approved: BS EN60065: 2002 Certificate No.7426
BS EN60950-1: 2002 Certificate No.7427
• Note: Application type name for certification test, please use
standard product type name, i.e.
TLP624(BV): TLP624
TLP624−2(BV): TLP624−2
Pin Configurations (top view)
1. Anode
2. Cathode
3. Emitter
4. Collector
TLP624
1
2
4
3
1,3,5,7: Anode
2,4,6,8: Cathode
9,11,13,15: Emitter
10,12,14,16: Collector
TLP624
–4
1
2
16
15
3
4
14
13
5
6
12
11
7
8
10
9
1,3 : Anode
2,4 : Cathode
5,7 : Emitter
6,8 : Collector
1
2
8
7
3
4
6
5
TLP624
–2
TOSHIBA
11−5B2
Weight: 0.26 g (typ.)
TOSHIBA
11−10C4
Weight: 0.54 g (typ.)
TOSHIBA
11−20A3
Weight: 1.1 g (typ.)
Current Transfer Ratio(min)
Ta = 25°C
Ta=
−25~75°C
Classi
−
fication
IF=1mA
VCE=0.5V
IF=0.5mA
VCE=1.5V
IF=1mA
VCE=0.5V
Marking
of
classi
−
fication
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV,blank
Unit in mm


Similar Part No. - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
Programmable Controllers
logo
ISOCOM COMPONENTS
TLP624 ISOCOM-TLP624 Datasheet
752Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP624

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
25-Sep-2002
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
25-Sep-2002
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com