Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP700 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TLP700
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP700 Datasheet HTML 6Page - Toshiba Semiconductor TLP700 Datasheet HTML 7Page - Toshiba Semiconductor TLP700 Datasheet HTML 8Page - Toshiba Semiconductor TLP700 Datasheet HTML 9Page - Toshiba Semiconductor TLP700 Datasheet HTML 10Page - Toshiba Semiconductor TLP700 Datasheet HTML 11Page - Toshiba Semiconductor TLP700 Datasheet HTML 12Page - Toshiba Semiconductor TLP700 Datasheet HTML 13Page - Toshiba Semiconductor TLP700 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLP700
2010-02-23
10
(2) Precautions for General Storage
1) Do not store devices at any place where they will be exposed to moisture or direct sunlight.
2) When transportation or storage of devices, follow the cautions indicated on the carton box.
3) The storage area temperature should be kept within a temperature range of 5 degree C
to 35 degree C, and relative humidity should be maintained at between 45% and 75%.
4) Do not store devices in the presence of harmful (especially corrosive)gases, or in dusty conditions.
5) Use storage areas where there is minimal temperature fluctuation. Because rapid temperature
changes can cause condensation to occur on stored devices, resulting in lead oxidation or corrosion,
as a result, the solderability of the leads will be degraded.
6) When repacking devices, use anti-static containers.
7) Do not apply any external force or load directly to devices while they are in storage.
8) If devices have been stored for more than two years, even though the above conditions have been
followed, it is recommended that solderability of them should be tested before they are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com