Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2403 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2403
Description  High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2403 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2403 Datasheet HTML 1Page - Toshiba Semiconductor TLP2403 Datasheet HTML 2Page - Toshiba Semiconductor TLP2403 Datasheet HTML 3Page - Toshiba Semiconductor TLP2403 Datasheet HTML 4Page - Toshiba Semiconductor TLP2403 Datasheet HTML 5Page - Toshiba Semiconductor TLP2403 Datasheet HTML 6Page - Toshiba Semiconductor TLP2403 Datasheet HTML 7Page - Toshiba Semiconductor TLP2403 Datasheet HTML 8Page - Toshiba Semiconductor TLP2403 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLP2403
3
7.
7.
7.
7. Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Unless otherwise specified, Ta = 25
LED
Detector
Common
Characteristics
Forward current
Forward current derating
Pulse forward current
Pulse forward current derating
Transient pulse forward current
Transient pulse forward current
derating
Reverse voltage
Power dissipation
Power dissipation derating
Output current
Output current derating
Output voltage
Supply voltage
Emitter-base reverse voltage
Output power dissipation
Output power dissipation
derating
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 85)
(Ta ≥ 85)
(Ta ≥ 85)
(Ta ≥ 85)
(Ta ≥ 25)
(Ta ≥ 25)
(10 s)
AC, 1 min, R.H. ≤ 60%
Symbol
IF
∆IF/
IFP
∆IFP/
IFPT
∆IFPT/
VR
PD
∆PD/
IO
∆IO/
VO
VCC
VEB
PO
∆PO/
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
(Note 3)
Rating
20
-0.67
40
-1.0
1
-25
5
40
-1.0
60
-0.6
-0.5 to 18
-0.5 to 18
0.5
100
-1.0
-40 to 100
-55 to 125
260
3750
Unit
mA
mA/
mA
mA/
A
mA/
V
mW
mW/
mA
mA/
V
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 ms, duty = 50%
Note 2: Pulse width (PW) ≤ 1 µs, 300 pps
Note 3: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Forward current
Output current
Supply voltage
Operating temperature
Symbol
IF
IO
VCC
Topr
Note
(Note 1)
Min
0.5
-40
Typ.
Max
15
30
16
100
Unit
mA
V
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note 1: Denotes the operating range, not the recommended operating condition.
2010-09-06
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com