Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3105 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3105
Description  Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3105 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3105 Datasheet HTML 1Page - Toshiba Semiconductor TLP3105 Datasheet HTML 2Page - Toshiba Semiconductor TLP3105 Datasheet HTML 3Page - Toshiba Semiconductor TLP3105 Datasheet HTML 4Page - Toshiba Semiconductor TLP3105 Datasheet HTML 5Page - Toshiba Semiconductor TLP3105 Datasheet HTML 6Page - Toshiba Semiconductor TLP3105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3105
2012-07-03
3
Circuit Connections
A connection
B connection
C connection
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.18
1.33
1.48
V
Reverse current
IR
VR = 5 V
⎯
⎯
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
⎯
70
⎯
pF
OFF-state current
IOFF
VOFF = 100 V
⎯
⎯
10
nA
Capacitance
COFF
V
= 0, f = 1 MHz
⎯
1000
⎯
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 100 mA
⎯
⎯
3
mA
Return LED current
IFC
IOFF = 10 μA
0.1
⎯
⎯
mA
A connection
ION = 1.4 A, IF = 5 mA, t<1s
⎯
0.1
0.2
B connection
ION = 1.4 A, IF = 5 mA, t<1s
⎯
0.05
0.1
On-state resistance
C connection
RON
ION = 2.8 A, IF = 5 mA, t<1s
⎯
0.025
⎯
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
⎯
0.8
⎯
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 1010
10
14
⎯
Ω
AC, 1 min
1500
⎯
⎯
AC, 1 s (in oil)
⎯
3000
⎯
Vrms
Isolation voltage
BVS
DC, 1 min (in oil)
⎯
3000
⎯
Vdc
1
2
3
6
5
4
LOAD
AC
or
DC
1
2
3
6
5
4
LOAD
DC
1
2
3
6
5
4
LOAD
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com