Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FH47BUG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMP86FH47BUG
Description  8 Bit Microcontroller TLCS-870/C Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH47BUG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP86FH47BUG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 42Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
・
Start the IDLE1/2 and SLEEP1/2 modes
After IMF is set to "0", set the individual interrupt enable flag (EF) which releases IDLE1/2
and SLEEP1/2 modes. To start IDLE1/2 and SLEEP1/2 modes, set SYSCR2<IDLE> to “1”.
・
Release the IDLE1/2 and SLEEP1/2 modes
IDLE1/2 and SLEEP1/2 modes include a normal release mode and an interrupt release
mode. These modes are selected by interrupt master enable flag (IMF). After releasing
IDLE1/2 and SLEEP1/2 modes, the SYSCR2<IDLE> is automatically cleared to “0” and the op-
eration mode is returned to the mode preceding IDLE1/2 and SLEEP1/2 modes.
IDLE1/2 and SLEEP1/2 modes can also be released by inputting low level on the RESET
pin. After releasing reset, the operation mode is started from NORMAL1 mode.
(1)
Normal release mode (IMF = “0”)
IDLE1/2 and SLEEP1/2 modes are released by any interrupt source enabled by the individual inter-
rupt enable flag (EF). After the interrupt is generated, the program operation is resumed from the in-
struction following the IDLE1/2 and SLEEP1/2 modes start instruction. Normally, the interrupt latch-
es (IL) of the interrupt source used for releasing must be cleared to “0” by load instructions.
(2)
Interrupt release mode (IMF = “1”)
IDLE1/2 and SLEEP1/2 modes are released by any interrupt source enabled with the individual in-
terrupt enable flag (EF) and the interrupt processing is started. After the interrupt is processed, the pro-
gram operation is resumed from the instruction following the instruction, which starts IDLE1/2 and
SLEEP1/2 modes.
Note:When a watchdog timer interrupts is generated immediately before IDLE1/2 and SLEEP1/2
modes are started, the watchdog timer interrupt will be processed but IDLE1/2 and
SLEEP1/2 modes will not be started.
TMP86FH47BUG
Page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com