Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0713 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA0713 Datasheet HTML 1Page - Anpec Electronics Coropration APA0713 Datasheet HTML 2Page - Anpec Electronics Coropration APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.1W Mono Low-Voltage Audio Power Amplifier
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr, 2012
APA0713
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
The APA0713 is a bridged-tied load (BTL) audio power
amplifier developed especially for low-voltage applica-
tions where internal speakers operation is required.
Operating with a 5V supply, the APA0713 can deliver 1.1W
of continuous power into a BTL 8
Ω load at 10% THD+N
throughout voice band frequencies. Although this device is
characterized out to 20kHz, its operation is optimized for
n a r r o w b a n d ap p l i c a t i o n s s u c h as w i r e l e s s
communications. The BTL configuration eliminates the
need for external coupling capacitors on the output in
most applications, which is particularly important for small
battery-powered equipment. This device features a shut-
down mode for power-sensitive applications with spe-
cial depop circuitry to eliminate speaker noise when exit-
ing shutdown mode. The APA0713 is available in8-pin
SOP.
• Operating Voltage : 2.6V-5.5V
• APA0713 Compatible with TPA751
• SupplyCurrent
– I
DD=1.3mA at VDD=5V ,BTL mode
– I
DD=0.9mA at VDD=3.3V ,BTL mode
• Low Shutdown Current
– I
DD=0.1µA
• Low Distortion
– 630mW, at V
DD=5V, BTL, RL=8Ω
THD+N=0.15%
– 280mW, at V
DD=3.3V, BTL, RL=8Ω
THD+N=0.15%
• Output Power
at 1% THD+N
– 900mW, at V
DD=5V, BTL, RL=8Ω
– 400mW, at V
DD=3.3V, BTL, RL=8Ω
at 10% THD+N
– 1.1W at V
DD=5V, BTL, RL=8Ω
– 480mW at V
DD=3.3V, BTL, RL=8Ω
• Depop CircuitryIntegrated
• Thermal Shutdown Protection and
Over Current Protection Circuitry
• High supplyvoltage ripple rejection
• Surface-Mount Packaging
– 8 pin SOP
• Lead Free Available (RoHS Compliant)
Features
General Description
Applications
• MobilPhones
• PDAs
• Digital Cameras
• Portable Electronic Devices
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA0713
Handling Code
Temperature Range
Package Code
Package Code
K : SOP-8
Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
XXXXX - Date Code
Assembly Material
APA0713 K :
APA0713
XXXXX


Similar Part No. - APA0713

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K ANPEC-APA0710K Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TR ANPEC-APA0710K-TR Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TRL ANPEC-APA0710K-TRL Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0710KI ANPEC-APA0710KI Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
More results

Similar Description - APA0713

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
1.1W Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
1.1W Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com