Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011A Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 2Page - Anpec Electronics Coropration 2011A Datasheet HTML 3Page - Anpec Electronics Coropration 2011A Datasheet HTML 4Page - Anpec Electronics Coropration 2011A Datasheet HTML 5Page - Anpec Electronics Coropration 2011A Datasheet HTML 6Page - Anpec Electronics Coropration 2011A Datasheet HTML 7Page - Anpec Electronics Coropration 2011A Datasheet HTML 8Page - Anpec Electronics Coropration 2011A Datasheet HTML 9Page - Anpec Electronics Coropration 2011A Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
6
APA2011/2011A
Typical Operating Characteristics
Efficiency vs. Output Power (8
Ω)
Output Power (W)
R
L=8Ω+33µH
f
in=1kHz
R
in=75kΩ
A
V=15dB
AUX-0025
AES-17(20kHz)
V
DD=2.4V
V
DD=3.6V
V
DD=5V
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8 1.0
1.2 1.4 1.6 1.8
Efficiency vs. Output Power (4
Ω)
Output Power (W)
V
DD=2.4V
V
DD=3.6V
V
DD=5V
R
L=4Ω+33µH
f
in=1kHz
R
in=75kΩ
A
V=15dB
AUX-0025
AES-17(20kHz)
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
Output Power vs. Load Resistance
Load Resistance (
Ω)
THD+N=10%
f
in=1kHz
R
in=75kΩ
A
V=15dB
AUX-0025
AES-17(20kHz)
V
DD=2.4V
V
DD=5V
WLCSP1.5x1.5-9
TDFN3x3-8
0
0.5
1.0
1.5
2.0
2.5
3.0
4
8
12
16
20
24
28
32
V
DD=3.6V
Output Power vs. Load Resistance
Load Resistance (
Ω)
THD+N=1%
f
in=1kHz
R
in=75kΩ
A
V=15dB
AUX-0025
AES-17(20kHz)
V
DD=5V
V
DD=2.4V
V
DD=3.6V
WLCSP1.5x1.5-9
TDFN3x3-8
0
0.5
1.0
1.5
2.0
2.5
4
8
12
16
20
24
28
32
V
DD=2.4V
THD+N vs. Output Power
Output Power (W)
f
in=1kHz
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN3x3-8
V
DD=3.6V
V
DD=5V
V
DD=5.5V
V
DD=4.2V
0
2.5
1
2
0.01
10
0.1
1
THD+N vs. Output Power
Output Power (W)
f
in=1kHz
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN3x3-8
V
DD=2.4V
V
DD=3.6V
V
DD=5V
V
DD=5.5V
V
DD=4.2V
0.01
10
0.1
1
0
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com